Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 17Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 18Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
EB3L Lamp Barrier
• Pilot Lights
• Miniature Pilot Lights
• Illuminated Pushbuttons
EB3P-LAN1
ø30
ø30
ø22
ø22
ø22
ø22
ø22
ø22
EB3P-LAD
EB3P-LAW1
EB3P-LAW1B
EB3P-LAW2
EB3P-LUW1B
EB3P-LHW1/EB3P-LHW2/EB3P-LHW4
EB3P-LLW1/EB3P-LLW2/EB3P-LLW3
21.5
40
23.5
Panel Thickness 0.8 to 7.5
M3 Terminal
Screw
9
29.8
40
21.4
Panel Thickness 0.8 to 7.5
M3.5 Terminal
Screw
M3.5 Terminal Screw
Gasket
Locking Ring
Flush
X2
X1
Panel Thickness 0.8 to 6
0.5
7
43.3
Dome
Round/Dome
17.5
ø29
Square
29.6
26.8
19
9
7.7
7.2
25.8
25.8
M3 Terminal
Screw
Gasket
Locking Ring
Panel Thickness 0.8 to 6
Square
Round
Round w/square bezel
Panel Thickness 1 to 6
28.5
13
30
17
M3.5 Terminal
Screw
Marking Plate: ø15.5mm
28.5
13
30
17
Panel Thickness 1 to 6
M3.5 Terminal
Screw
28.5
13
25
30
M3.5 Terminal
Screw
Panel Thickness 1 to 6
28.5
13
30
16
Panel Thickness 1 to 6
M3.5 Terminal
Screw
Marking Plate:
22 mm
ø30
EB3P-LUN3B
M3 Terminal
Screw
40
Panel Thickness 0.8 to 5.5
23
20
44
ø10
IPL1-18
ø10
IPL1-19
ø8
IPL1-87
ø8
IPL1-88
ø8
IPL1-89
ø6
IPL1-67
ø6
IPL1-68
ø6
IPL1-69
+ Terminal
M6
P0.75
7
Panel Thickness 0.6 to 4
11.3
3
19.8
+ Terminal
M10
P1.0
Panel Thickness 0.6 to 4
9
12.8
20.8
5
+ Terminal
M10
P1.0
Panel Thickness 0.6 to 4
9
12
20
5.5
+ Terminal
M8 P0.75
Panel Thickness 0.6 to 4
9
11.5
19.5
4.5
+ Terminal
M8
P0.75
Panel Thickness 0.6 to 4
5
9
11.8
19.8
+ Terminal
M6
P0.75
2.5
20.3
11.8
7
Panel Thickness 0.6 to 4
+ Terminal
M6
P0.75
7
Panel Thickness 0.6 to 4
10
3.5
18.5
+ Terminal
M8
P0.75
Panel Thickness 0.6 to 4
9
13.8
3
21.8
ø30
EB3P-LBAN211/LBAON211
ø30
EB3P-LBAN311-R
ø22
EB3P-LBAW211/LBAOW211
ø22
EB3P-LBAVW411-R
ø22
EB3P-LBH1W110/LBHA1W110
ø22
EB3P-LBL1W1C2/LBLA1W1C2
EB3P-LBL2W1C2/LBLA2W1C2
M3 Terminal Screw
M3.5 Terminal Screw
63
9
23.5
Panel Thickness 0.8 to 7.5
5.5
23
40
M3 Terminal Screw
M3.5 Terminal Screw
63
23.5
Panel Thickness 0.8 to 7.5
5.5
23
40
63.5
ø24
30
Panel Thickness 1 to 6
13
19.5
Adjustment
Ring
M3.5
Terminal Screw
Panel Thickness 1 to 6
63.5
30
13
22.5
Adjustment
Ring
Reset Angle: 75
°
M3.5
Terminal Screw
49.4
Panel Thickness 0.8 to 6
ø29
29.4
13
LOCK
Locking Ring
Lever Stop
M3.5 Terminal
Screw
9
11.7
25.4
8.5
53.5
Panel Thickness 0.8 to 6
M3 Terminal
Screw
9
11.7
25.4
8.5
53.5
25.8
Panel Thickness 0.8 to 6
M3 Terminal
Screw
ø22
All dimensions in mm.
EB3C-3L catalog Page 15 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com