Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EB3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 2Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Usage
Out of touch
Type EB3C
Type EB3L
Type EB3C
Type EB3L
ClassNK
Approved for use on ship and
other marine structures
(Japan).
Common Wiring
for PLC Inputs
8- and 16-circuit types are
available in common wiring
types, ideal for connection to
PLCs.
Spring-up Fingersafe
Terminals Reduce
Wiring Time
Spring-up structure Fingersafe
Illuminated
Switches can be used.
Pushbutton/Selector
A Variety of
Pilot Lights
ø6, ø8, ø10, ø22, and ø30 pilot lights
can be connected to the EB3L.
Super-bright LED is used on ø22
and ø30 pilot lights.
Lens colors: Amber, blue,
green, red, white,
and yellow
Buzzer can be
connected to the EB3L
Continuous / intermittent buzzer
Illuminated pushbutton/selector
switches can be used with the
combination of EB3C and EB3L.
sound available.
Relay Barriers and
Dry-contact switches with 0.5
Ω
maximum contact resistance
can be connected to the EB3C.
Usage
Relay Barriers and
MIL connector on the non-intrinsically
safe side.
• Easy connection to PLCs
• Wiring is cut by 90% (compared with
IDEC’s 16-circuit EB3C).
• Various 20-pin MIL connectors can be
connected.
Connector Type
EB3C-3L catalog Page 3 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com