Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
EB3C Relay Barrier
Precautions for Operation
1. Installation of EB3C Relay Barriers
(1) The EB3C can be installed in any direction.
(2) Install the EB3C relay barrier in a safe area (non-hazardous
area) in accordance with intrinsic safety ratings and param-
eters. To avoid mechanical shocks, install the EB3C in an
enclosure which suppresses shocks.
(3) When installing or wiring the EB3C, prevent electromag-
netic and electrostatic inductions in the intrinsically safe cir-
cuit. Also prevent the intrinsically safe circuits from
contacting with another intrinsically safe circuit and any
other circuits.
Maintain at least 50 mm clearance, or provide a metallic
separating board between the intrinsically safe circuit and
non-intrinsically safety circuit. When providing a metallic
separating board, make sure that the board fits closely to
the enclosure (top, bottom, and both sides). Allowable
clearance between the enclosure and board is 1.5 mm at
the maximum.
The clearance of 50 mm between the intrinsically safe cir-
cuit and non-intrinsically safe circuit may not be sufficient
when a motor circuit or high-voltage circuit is installed
nearby. In this case, provide a wider clearance between the
circuits referring to 5 (3) “Minimum Parallel Distance
between the Intrinsically Safe Circuit and Other Circuits.”
(4) In order to prevent contact between intrinsically safe circuits
and non-intrinsically safe circuits, mount EB3C units with
terminals arranged in the same direction.
(5) Maintain at least 6 mm (or 3 mm according to IEC60079-
11: 1999) clearance between the terminal of intrinsically
safe circuit and the grounded metal part of a metal enclo-
sure, and between the relay terminal block of an intrinsically
safe circuit and the grounded metal part of a metal enclo-
sure.
(6) For installing the EB3C, mount on a 35-mm-wide DIN rail or
directly on a panel using screws. Make sure to install
securely to withstand vibration. When mounting on a DIN
rail, push in the clamp completely. Use the BNL5 or BNL6
mounting clips on both sides of the EB3C to prevent from
moving sideways.
(7) Excessive extraneous noise may cause malfunction and
damage to the EB3C. When extraneous noise activates the
voltage limiting circuit (thyristor), remove the noise source
and restore the power.
2. Terminal Wiring
(1) Using a ø5.5 mm or smaller screw driver, tighten the termi-
nal screws (including unused terminal screws) to a torque
of 0.6 to 1.0 N·m (recommended value).
(2) Make sure that IP20 is achieved when wiring. Use insula-
tion tubes on bare crimping terminals.
(3) To prevent disengaged wires from contacting with other
intrinsically safe circuits, bind together the wires of one
intrinsically circuit.
(4) When the adjacent terminal is connected to another intrinsi-
cally safe circuit, provide an insulation distance of at least 6
mm.
3. Switches in the Hazardous Area
(For Japan application only)
(1) A switch contains the switch contact, enclosure, and inter-
nal wiring. A switch contact refers to an ordinary switching
device which consists of contacts only, such as a pushbut-
ton switch. See below.
Applicable Switches
Note: For installation in hazardous areas and connection to the EB3C, use
switches which are certified, approved, or considered to be simple
apparatus in relevant standards in each country.
(2) When the switch has internal wiring or lead wire, make sure
that the values of internal inductance (Li) and capacitance
(Ci) are within the certified values.
(3) Enclose the switch contact’s bare live part in an enclosure
of IP20 or higher protection.
(4) Depending
on
the
explosion-protection
specifications
according to TIIS Japan, the exposed area of plastic switch
operator is limited as follows:
• Exia II CT6 (EB9Z-A): 20 cm2 maximum
• Exia II BT6 (EB9Z-A1): 100 cm2 maximum
(5) Attach the certification mark supplied with the EB3C on the
EB9Z-A or EB9Z-A1 switch (for Japan application).
(6) Magnesium content of metallic enclosure must be 6% or
less (steel and aluminum are acceptable).
(7) When the switch operator of plastic enclosure has a wider
exposed area than the following limits, attach a caution
label as shown below.
(8) For the 1-circuit separate wiring, a resistor to prevent reed
switch contact welding and an LED miniature pilot lights
can be connected in series with the contact. See below.
Use the terminal screw of M3 or larger.
Applicable Resistor Ratings
• Applicable LED Type
IDEC’s IPL1 series LED miniature pilot lights.
Intrinsically Safe Circuit
Intrinsically Safe Circuit
Non-intrinsically
Safe Circuit
EB3C
EB3C
EB3C
EB3C
EB3C
Control
Switches
Push-pull Switches
Pushbutton, Foot, Trigger, Rocker, Grip
Twisting Switches
Rotary, Selector, Cam, Drum, Thumb
wheel
Lever and Slide
Switches
Toggle, Multidirectional, Wobble stick,
Lever, Slide switch
Sensing
Switches
Displacement
Switches
Microswitch, Limit, Magnetic proximity,
Door, Reed, Mercury
Level Switches
Liquid level
Others
Pressure, Temperature
Resistance
100
Ω maximum
Rated Wattage
0.5 to 3W
Type
Metal (oxide) film resistors
To prevent electrostatic
charges, do not rub the switch
surface during operation.
Use a soft cloth dipped with
water for cleaning.
Caution
Caution Label Example
IIC: 20 cm2 maximum
IIB: 100 cm2 maximum
R
Reed Switch
EB3C
EB3C-3L catalog Page 9 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com