Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
EB3C Relay Barrier
External Wiring Examples
Connector Type Output Wiring Diagram
P1
P2
P3
P4
P5
P6
P7
P8
N1 N2
A1
A2
A3
A4
A5
A6
A7
A8
C1 C2
24V DC
Load Power
24V DC
+–
P1
P2
P3
P4
P5
P6
P7
P8
N1 N2
+
A1
A2
A3
A4
A5
A6
A7
A8
C1 C2
24V DC
Load Power
24V DC
P1
N1
P2
N2
P3
N3
P4
N4
P5
N5
P6
N6
L
N
A1
C1
A2
C2
A3
C3
A4
C4
A5
C5
A6
C6
Load
Power
AC/DC
AC Power
P1
N1
P2
N2
P3
N3
P4
N4
P5
N5
P6
N6
L
N
A1
C1
A2
C2
A3
C3
A4
C4
A5
C5
A6
C6
AC Power
Load
Power
24V DC
• Transistor Sink Output Type (Ex.: EB3C-T08CKD)
• Transistor Source Output Type (Ex.: EB3C-T08CSD)
• Relay Output Type (Ex.: EB3C-R06A)
• Transistor Output Type (Ex.: EB3C-T06A)
• EB3C-T16CKD-C
• EB3C-T16CSD-C
A9 A10 A11 A12 A13 A14 A15 A16 NC
NC
A1
A2
A3
A4
A5
A6
A7
A8
C1
C2
CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8
+V
COM
CH9 CH10 CH11 CH12 CH13 CH14 CH15 CH16
19
20
1
2
A9 A10 A11 A12 A13 A14 A15 A16 NC
NC
A1
A2
A3
A4
A5
A6
A7
A8
C1
C2
CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH8
–V
COM
CH9 CH10 CH11 CH12 CH13 CH14 CH15 CH16
19
20
1
2
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A1
A9
A2
A10
A3
A11
A4
A12
A5
A13
A6
A14
A7
A15
A8
A16
+V
NC
COM(–)
NC
I0
I10
I1
I11
I2
I12
I3
I13
I4
I14
I5
I15
I6
I16
I7
I17
COM
COM
NC
NC
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A1
A9
A2
A10
A3
A11
A4
A12
A5
A13
A6
A14
A7
A15
A8
A16
–V
NC
COM(+)
NC
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
I0
I10
I1
I11
I2
I12
I3
I13
I4
I14
I5
I15
I6
I16
I7
I17
COM
COM
NC
NC
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Terminal
Terminal
Terminal
Terminal
Output
Output
Input
Input
EB3C-T16CKD-C
FC4A-N16B3
EB3C-T16CSD-C
FC4A-N16B3
Wiring Example with IDEC’s PLC MicroSmart
+
COM
An
CHn
+
COM
An
CHn
Note 1: The wiring in dashed line does not affect the operation of the MicroSmart.
Note 2: Applicable connector is IDEC’s JE1S-201.
EB3C-3L catalog Page 7Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com