Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EB3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 2Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
EB3C Relay Barrier
Input contacts can be used in any explosive gas and Zone 0/Class I Div. 1 areas.
Types
Accessories
Power Voltage
Number of
Channels
Connection to
Non-intrinsically
Safe Circuit
Input Wiring Method
Output
Type No.
100 to 240V AC
1
Screw Terminal
Separate/Common
Wiring Compatible
Relay
EB3C-R01A
2
EB3C-R02A
3
EB3C-R03A
5
EB3C-R05A
6
EB3C-R06A
8
EB3C-R08A
10
EB3C-R10A
8
Common Wiring Only
EB3C-R08CA
6
Separate/Common
Wiring Compatible
Transistor (Sink/Source)
EB3C-T06A
8
EB3C-T08A
10
EB3C-T10A
8
Common Wiring Only
Transistor (Sink)
EB3C-T08CKA
24V DC
8
Common Wiring Only
Relay
EB3C-R08CD
10
Separate/Common
Wiring Compatible
EB3C-R10D
16
Common Wiring Only
EB3C-R16CD
10
Separate/Common
Wiring Compatible
Transistor (Sink/Source)
EB3C-T10D
8
Common Wiring Only
Transistor
Sink
EB3C-T08CKD
16
EB3C-T16CKD
8
Source
EB3C-T08CSD
16
EB3C-T16CSD
16
Connector
Sink
EB3C-T16CKD-C
Source
EB3C-T16CSD-C
Name
Type No.
Order No.
Package Quantity
Description
DIN Rail
BAA1000
BAA1000PN10
10
Aluminum (1 m long)
BAP1000
BAP1000PN10
10
Steel (1 m long)
Mounting Clip
BNL5
BNL5PN10
10
For fastening EB3C
units on the DIN rail.
BNL6
BNL6PN10
10
Connector Type
• IEC60079 compliant
• Dry-contact switches with 0.5
Ω maximum contact resistance
can be connected to the EB3C.
• Compact and lightweight (46% footprint and 36% weight
compared to IDEC’s 10-circuit IBRC)
• 8- and 16-circuit types are available in common wiring types,
ideal for connection to PLCs. 16-circuit types are also avail-
able with a connector.
• Universal AC power voltage (100 to 240V AC)
• No grounding required
• IDEC’s original spring-up terminal minimizes wiring time.
• Installation
35-mm-wide DIN rail mounting or direct screw mounting
• Global usage
USA:
FM
Canada: CSA
Europe: CE marking, ATEX
Japan: TIIS
• Ship class: ClassNK (Japan)
Explosion protection
Relay Barrier:
[Exia] II C
Switch:
Exia II CT6 or Exia II BT6
INTRINSIC SAFETY CONTACT SIGNAL TRANSDUCER
EB3C-3L catalog Page 4 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com