Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 2Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 3Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 4Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 5Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 6Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 7Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
AS-Interface Components
EB3C Relay Barrier
Internal Circuit Block Diagram
Dimensions
• Screw Terminal Type
• Connector Type
• AC Power, Relay Output Type
• DC Power, Transistor Output Type
• Connector Wiring, Sink Output Type
Green
Yellow
Yellow
Yellow
P1 N1 P2 N2 P3 N3
A1
N
L
C1A2C2A3C3
~
Green
Yellow
Yellow
Yellow
P1 N1 P2 N2 P3 N3
A1 C1 A2 C2 A3 C3
+
~
~
~
Green
Yellow
Yellow
P1
P16 N1
N2
A1
+
A16 C1 C2
~
~
~
•• • •
•• • •
•• • • •• • •
Non-hazardous Area
Hazardous Area
10
10
10
10
28
51
97
97
10
42
171.5
110.5
65
77.5
EB3C–
∗01
EB3C–
∗05
EB3C–
∗06
EB3C–
∗08C
EB3C–
∗02
EB3C–
∗03
EB3C–
∗08
EB3C–
∗10
EB3C–
∗16C
ø6 hole
Mounting Hole Layout (Screw Mounting)
2-M4 tapped or
2-ø4.5 mounting holes
2-M4 tapped or
2-ø4.5 mounting holes
4-M4 tapped or
4-ø4.5 mounting holes
2-M4 tapped or
2-ø4.5 mounting
holes
83.5
ø6
97
171.5
10
10
97
4-M4 or 4-ø4.5 holes
Mounting Hole Layout
6 to 8 mm
5.4 min.
3 max.
ø3 min.
6 to 8 mm
Solid Wire
Stranded Wire (Ferrule)
Stripping the Wire End
Applicable Crimping Terminal
All dimensions in mm.
EB3C-3L catalog Page 6 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com