Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 17Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 18Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 19Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
EB3L Lamp Barrier
Precautions for Operation
1. Installation of EB3L Lamp Barriers
(1) The EB3L can be installed in any direction.
(2) Install the EB3L lamp barrier in a safe area (non-hazard-
ous area) in accordance with intrinsic safety ratings and
parameters. To avoid mechanical shocks, install the
EB3L in an enclosure which suppresses shocks.
(3) When installing or wiring the EB3L, prevent electromag-
netic and electrostatic inductions in the intrinsically safe
circuit. Also prevent the intrinsically safe circuits from
contacting with another intrinsically safe circuit and any
other circuits.
Maintain at least 50 mm clearance, or provide a metallic
separating board between the intrinsically safe circuit
and non-intrinsically safety circuit. When providing a
metallic separating board, make sure that the board fits
closely to the enclosure (top, bottom, and both sides).
Allowable clearance between the enclosure and board is
1.5 mm at the maximum.
The clearance of 50 mm between the intrinsically safe
circuit and non-intrinsically safe circuit may not be suffi-
cient when a motor circuit or high-voltage circuit is
installed nearby. In this case, provide a wider clearance
between the circuits referring to 6 (3) “Minimum Parallel
Distance between the Intrinsically Safe Circuit and
Other Circuits.”
(4) In order to prevent contact between intrinsically safe cir-
cuits and non-intrinsically safe circuits, mount EB3L
units with terminals arranged in the same direction.
(5) Maintain at least 6 mm (or 3 mm according to
IEC60079-11: 1999) clearance between the terminal of
intrinsically safe circuit and the grounded metal part of a
metal enclosure, and between the relay terminal block of
an intrinsically safe circuit and the grounded metal part
of a metal enclosure.
(6) For installing the EB3L, mount on a 35-mm-wide DIN rail
or directly on a panel using screws. The EB3L can be
installed in any direction. Make sure to install securely to
withstand vibration. When mounting on a DIN rail, push
in the clamp completely. Use the BNL5 mounting clips
on both sides of the EB3L to prevent from moving side-
ways.
(7) Excessive extraneous noise may cause malfunction and
damage to the EB3L. When extraneous noise activates
the voltage limiting circuit (thyristor), remove the noise
source and restore the power.
2. Terminal Wiring
(1) Using a ø5.5 mm or smaller screw driver, tighten the ter-
minal screws (including unused terminal screws) to a
torque of 0.6 to 1.0 N·m (recommended value).
(2) Make sure that IP20 is achieved when wiring. Use insu-
lation tubes on bare crimping terminals.
(3) To prevent disengaged wires from contacting with other
intrinsically safe circuits, bind together the wires of one
intrinsically circuit.
(4) When the adjacent terminal is connected to another
intrinsically safe circuit, provide an insulation distance of
at least 6 mm.
3. Signal Input
(1) Connect the EB3L to the switches or output equipment
which have a low leakage current (0.1 mA maximum).
(2) The EB3L is equipped with power supply. Do not apply
external power to the EB3L.
(3) When connecting the EB3L’s of connector type in paral-
lel, make sure that the same power supply is used.
When using C1 and C2 terminals to supply power to
outside equipment, maintain the current at 50 mA maxi-
mum.
4. Power Voltage
(1) Do not apply an excessive power voltage, otherwise the
EB3L may be damaged.
(2) The EB3L of AC power type may operate at a low volt-
age (approx. 20V).
5. Pilot Lights and Buzzers in the Hazardous Area
(1) EB3P and IPL1 units shown on page 12 can be used
with the EB3L.
(2) Install the EB3P and IPL1 units on enclosures of IP20 or
higher protection.
(3) When wiring, make sure of correct polarities of the
EB3P and IPL1.
(4) Certification mark is supplied with the units. Attach it on
the visible area of the EB3P or IPL1 (for Japan applica-
tion).
(5) Magnesium content of metallic enclosure must be 6% or
less (steel and aluminum are acceptable).
(6) The maximum exposed area of plastic enclosure is as
follows.
IIC: 20 cm2 maximum
IIB: 100 cm2 maximum
When the enclosure has a wider exposed area, attach a
caution label as shown below.
Intrinsically Safe Circuit
Intrinsically Safe Circuit
Non-intrinsically
Safe Circuit
EB3L
EB3L
EB3L
EB3L
EB3L
Caution
To prevent electrostatic charges,
do not rub the enclosure sur face
during operation. Use a soft cloth
dipped with water for cleaning.
EB3C-3L catalog Page 19 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com