Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB3C Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # EB3C
Description  Relay Barriers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB3C Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button EB3C Datasheet HTML 8Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 9Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 10Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 11Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 12Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 13Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 14Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 15Page - List of Unclassifed Manufacturers EB3C Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
AS-Interface Components
EB3L Lamp Barrier
• Pilot Lights, Illuminated Pushbuttons, Illuminated Selector Switches, and Buzzers
Note 1: Codes N, TW, HW, LW, and UP are the series names of IDEC’s control units.
Note 2: Specify a color code in place of
∗.
Note 3: Illuminated selector switches have a knob operator.
Accessories
Note: Specify a color code in place of
∗ in the Type No.
A: amber, G: green, R: red, S: blue, W: white, Y: yellow
Type
Size
Series
(Note 1)
Shape
Operation Mode
Contact
Type No. (Note 2)
Lens Color/
Illumination
Color Code
Operation
ø30
N
Dome
EB3P-LAN1-
A: Amber
G: Green
R: Red
S: Blue
W: White
Y: Yellow
Dome w/Diecast
Sleeve
EB3P-LAD1-
Square
EB3P-LUN3B-
ø22
TW
Flush
EB3P-LAW1-
Flush
(Marking Type)
EB3P-LAW1B-
Dome
EB3P-LAW2-
Square Flush
(Marking Type)
EB3P-LUW1B-
HW
Round Flush
EB3P-LHW1-
Dome
EB3P-LHW2-
Square Flush
EB3P-LHW4-
LW
Round
EB3P-LLW1-
Square
EB3P-LLW2-
Round w/Square
Bezel
EB3P-LLW3-
ø10
UP
Extended
IPL1-18-
A: Amber
G: Green
R: Red
W: White
Y: Yellow
Coned
IPL1-19-
ø8
Flush
IPL1-87-
Extended
IPL1-88-
Coned
IPL1-89-
ø6
Flush
IPL1-67-
Extended
IPL1-68-
Coned
IPL1-69-
ø30
N
Extended
Momentary
1NO-1NC
EB3P-LBAN211-
A: Amber
G: Green
R: Red
S: Blue
W: White
Y: Yellow
Maintained
1NO-1NC
EB3P-LBAON211-
Mushroom
Pushlock Turn Reset
1NO-1NC
EB3P-LBAVN311-R
R
ø22
TW
Extended
Momentary
1NO-1NC
EB3P-LBAW211-
A: Amber
G: Green
R: Red
S: Blue
W: White
Y: Yellow
Maintained
1NO-1NC
EB3P-LBAOW211-
Mushroom
Pushlock Turn Reset
1NO-1NC
EB3P-LBAVW411-R
R
HW
Round
Momentary
1NO
EB3P-LBH1W110-
A: Amber
G: Green
R: Red
S: Blue
W: White
Y: Yellow
Maintained
1NO
EB3P-LBHA1W110-
LW
Round
Momentary
DPDT
EB3P-LBL1W1C2-
Maintained
DPDT
EB3P-LBLA1W1C2-
Square
Momentary
DPDT
EB3P-LBL2W1C2-
Maintained
DPDT
EB3P-LBLA2W1C2-
ø30
N
Round
2-position
1NO-1NC
EB3P-LSAN211-
Maintained
3-position
2NO
EB3P-LSAN320-
Maintained
ø22
TW
Round
2-position
1NO-1NC
EB3P-LSAW211-
Maintained
2-position,
return from right
1NO-1NC
EB3P-LSAW2111-
Spring return from right
3-position
2NO
EB3P-LSAW320-
Maintained
3-position,
return from right
2NO
EB3P-LSAW3120-
Spring return from right
3-position,
return from left
2NO
EB3P-LSAW3220-
Ring return from left
3-position,
2-way return
2NO
EB3P-LSAW3320-
2-way spring return
HW
Round
2-position
1NO-1NC
EB3P-LSHW211-
Maintained
3-position
2NO
EB3P-LSHW320-
Maintained
LW
Round
2-position
DPDT
EB3P-LSL1W2C2-
Maintained
Round w/Square
Bezel
3-position
DPDT
EB3P-LSL3W3C2-
Maintained
Buzzer ø30
Continuous sound
EB3P-ZUN12C
Intermittent sound
EB3P-ZUN12F
Name
Type No.
Package Quantity
LED Lamp
EB9Z-LDS1-
1
EB3C-3L catalog Page 12 Monday, February 13, 2006 1:44 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com