Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Schematics
 2015 Microchip Technology Inc.
DS70005230A-page 21
FIGURE A-3:
USB HOST AND OTG POWER SUPPLY SCHEMATICS
D7
GRN
P32_VDD
+3.3V_PKOB
330R
R13
C42
4.7uF
FLAGB
4
OUT
5
GND
2
ON
3
IN
1
U7
FPF2104
TARGET_POWER_ENABLE
100K
R25
100K
R26
VBUS_DEVICE_SWITCHED_SENSE
R47
DNP
D-
2
D+
3
VBUS
1
4
J5
D+
D-
C46
100uF
HOST TYPE - TYPE A
EN
4
IN
5
GND
2
OC
3
OUT
1
U6
TPS2051B
AN45/C1INA/RPB5/RB5/VBUSON
AN2/C2INB/RPB2/RB2
+5V_EXT
1
2
JP1
+5V_DUSB
* Install Jumper if powering
from Debugger Power Supply
100K
R24
VBUS
D+
D-
D-
2
D+
3
VBUS
1
4
J4
TYPE MICRO A/B
DEVICE/OTG PORT
10 F
C45
RF3/USBID/RPF3
D1
MBR0520LT1G
4.7K
R23
1uF
C37
PGOOD
1
Vout
2
Vin
3
GND
4
C-
5
C+
6
SHDN
7
SELECT
8
U5
MCP1253_MSOP
P32_VDD
10 F
C33
R4
DNP
AN45/C1INA/RPB5/RB5/VBUSON
AN2/C2INB/RPB2/RB2
P32_VDD
VBUS
VBUS_DEVICE
+5V_EXT
P32_VDD
ERXD1
ERXD0
ERXERR
EMDIO
EMDC
ETXEN
ETXD0
ETXD1
EREF_CLK
0.1uF
C19
0R
R38
33R
R52
33R
R53
R54
DNP
CLK_IN
CLK_IN
P32_VDD
0.01uF
C48
ECRS/RH13
SLM-112-01-G-S + SLM-103-01-G-S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
J6
2 HDR/MB
SOSCI/RC13
Standby
1
GND
2
OUT
3
VDD
4
Y5
50MHz
0R
R62
EBIRDY2/RH11
PHY Daughter Board Connections
USB HOST Power Supply
USB OTG/Device Power Supply (120mA MAX)
Current Limiting Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com