Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology PIC32MZ Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Schematics
 2015 Microchip Technology Inc.
DS70005230A-page 23
FIGURE A-5:
APPLICATION BOARD CONNECTOR, SQI MEMORY AND POWER, LEDS, AND
SWITCHES SCHEMATICS
117
118
111
112
105
106
99
100
93
94
87
88
81
82
75
76
69
70
57
58
51
52
45
46
39
40
33
34
27
28
21
22
15
16
9
10
3
4
119
120
107
108
109
110
113
114
115
116
95
96
97
98
101
102
103
104
83
84
85
86
89
90
91
92
71
72
73
74
77
78
79
80
59
60
61
62
65
66
67
68
47
48
49
50
53
54
55
56
35
36
37
38
41
42
43
44
25
26
29
30
23
24
19
20
13
14
17
18
11
12
7
8
1
2
5
6
31
32
63
64
121
122
123
124
125
126
127
128
129
130
135
136
137
138
131
132
133
134
139
140
141
142
143
144
145
148
149
150
151
152
153
154
159
160
161
162
155
156
157
158
163
164
165
166
167
168
146
147
J1
RG15
P32_VDD
TRD2/SQID2/RG14
EBID5/PMD5
EBID4/PMD4
EBID3/PMD3
EBID2/PMD2
EBID1/PMD1
INT0/RD0
EBIA6/PMA6
EBIA4/PMA4
EBIA3/PMA3
EBIA2/PMA2/RG9
EBIA1/PMA1
EBIA0/PMA0/RJ15
AN4/C1INB/RB4
EBIA5/PMA5/RA5
AN3/C2INA/RPB3/RB3
AN45/C1INA/RPB5/RB5/VBUSON
AN33/RPD15/SCK6/RD15
AN25/RPE8/RE8
EBIA17/RK3
EBIA18/RK4
AN26/RPE9/RE9
EBIA19/RK5
EBIA20/RK6
EBIA21/RK7
EBIA23/RH15
EBIADV/RH14
EBICS1/RJ5
PGEC1/AN1/RPB1/RB1
AN2/C2INB/RPB2/RB2
AN14/C1IND/RPG6/SCK2/RG6
RPD10/SCK4/RD10
+5V_EXT
ICSP_MCLR_VPP_TARGET
TMS/RA0
TCK/RA1
TDO/RF12
TDI/RF13
VREF-/RA9
VREF+/RA10
SDA2/RA3
SCL2/RA2
EBIWE/PMWR/RC3
EBID15/PMD15
EBID14/PMD14
EBID13/PMD13
EBID12/PMD12
EBID9/PMD9
EBID10/PMD10
EBID11/PMD11
TRD0/SQID0/RG13
TRD1/SQID1/RG12
TRCLK/SQICLK/RA6
SOSCO/RC14
SOSCI/RC13
SQICS1/RPD5/RD5
EBIA16/RK0
AN42/ERXD2/RH6
AN6/RB11
RH0
RH1
ERXD3/RH9
ECOL/RH10
EBIRDY2/RH11
ETXCLK/RPD7/RD7
CVREFOUT/AN5/RPB10/RB10
SQICS0/RPD4/RD4
RPD1/SCK1/RD1
SCL3/RPF8/RF8
SDA3/RPF2/RF2
AN10/RPB15/OCFB/RB15
EBIRDY3/RJ2
RH3
PGED1/AN0/RPB0/RB0
AN7/RB12
AN9/RPB14/SCK3/RB14
P32_VDD
P32_VDD
P32_VDD
+5V_EXT
P32_VDD
P32_VDD
P32_VDD
P32_VDD
+5V_EXT
+5V_EXT
EBID15/PMD15
EBID4/PMD4
EBIA14/PMCS1/PMA14/RA4
EBIA15/PMCS2/RD9
EBIA13/PMA13/RJ13
EBIA12/PMA12/RC2
EBIA11/PMA11/RB12
EBIA10/PMA10/RB8
EBIA9/PMA9
EBIA8/PMA8
EBIA7/PMA7
AN8/RB13
ETXERR/RJ0
EBIBS0/RJ12
EBIBS1/RJ10
EBIA22/RJ3
EBICS0/RJ4
DEBUG
MCLR
SOSC
INTO
JTAG
DEBUG
JTAG
0.1uF
C18
SQICS1/RPD5/RD5
TRCLK/SQICLK/RA6
TRD2/SQID2/RG14
TRD3/SQID3/RA7
TRD0/SQID0/RG13
TRD1/SQID1/RG12
330R
R5
330R
R7
330R
R6
Green
D5
LED2
Red
D3
LED1
Yellow
D4
LED3
USER LED'S
GND
USER'S SWITCH
RH0
RH1
RH2
AN7/RB12
AN8/RB13
AN9/RPB14/SCK3/RB14
P32_VDD
EBICS2/RJ6/SQI_PWR
EBICS3/RJ7
EBID0/PMD0
EBID6/PMD6
RH2
EBIOE/PMRD/RC4
RPA15/SDA1/RA15
RPA14/SCL1/RA14
RF3/USBID/RPF3
PGEC2/AN46/RPB6/RB6
PGED2/AN47/RPB7/RB7
AN13/C1INC/RPG7/SDA4/RG7
AN12/C2IND/RPG8/SCL4/RG8
EBID15/PMD15
EBID15/PMD15
EBID7/PMD7
EBID8/PMD8
EBID10/PMD10
EBID10/PMD10
EBID4/PMD4
EBID4/PMD4
TRD3/SQID3/RA7
AN45/C1INA/RPB5/RB5/VBUSON
AN32/AETXD0/RPD14/RD14
ECRS/RH12
AN9/RPB14/SCK3/RB14
AN12/C2IND/RPG8/SCL4/RG8
ETXCLK/RPD7/RD7
CE#
1
SO/SIO1
2
SIO2
3
VSS
4
SI/SIO0
5
SCK
6
SIO3
7
VDD
8
U9
SST26VF032B
S1
S2
S3
SQI Memory
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
30
32
38
36
29
31
35
37
39 40
34
33
J12
P32_VDD
P32_VDD
SDA2/RA3
SCL2/RA2
RPA14/SCL1/RA14
INT0/RD0
AN3/C2INA/RPB3/RB3
EBIA9/PMA9
EBIA8/PMA8
RPD1/SCK1/RD1
EBIA4/PMA4
ERXD3/RH9
EBIA18/RK4
EBIA19/RK5
RPD10/SCK4/RD10
AN9/RPB14/SCK3/RB14
SDA3/RPF2/RF2
EBIA1/PMA1
EBIA3/PMA3
EBIA17/RK3
EBICS1/RJ5
EBIRDY2/RH11
EBIA20/RK6
EBIA23/RH15
EBIA22/RJ3
EBICS3/RJ7
AN14/C1IND/RPG6/SCK2/RG6
AN14/C1IND/RPG6/SCK2/RG6
EBIA13/PMA13/RJ13
0.1" (2.54mm) 2X20 Male Header
+5V_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com