Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology PIC32MZ Datasheet HTML 27Page - Microchip Technology PIC32MZ Datasheet HTML 28Page - Microchip Technology PIC32MZ Datasheet HTML 29Page - Microchip Technology PIC32MZ Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Bill of Materials
 2015 Microchip Technology Inc.
DS70005230A-page 27
B.2
LAN8740A PHY DAUGHTER BOARD BILL OF MATERIALS
TABLE B-2:
LAN8740A PHY DAUGHTER BOARD BILL OF MATERIALS
Reference
Description
Manufacturer
Part No.
C1, C3, C7, C8 Cap, Ceramic, 1 µF, 16V X5R
TDK Corporation
C1608X5R1C105K
C2, C4, C5, C6 Cap, Ceramic, 0.1 µF, 50V X7R
TDK Corporation
C1608X7R1H104M
C9
CAP 470 µF 50V CERAMIC X7R 0603
Yageo
CC0603KRX7R9BB471
C10, C11,
C12, C13
CAP CER 12 µF 50V 5% NPO 0603
Yageo
CC0603JRNPO9BN120
C14
CAP CER 0.022 µF 50V 20% X7R 0603
Murata Electronics North America GRM188R71H223MA01D
FB1
FERRITE CHIP 600 OHM 500 mA 0805
TDK Corporation
MMZ2012Y601B
J1
TWO CONN HEADER .050" 12 POS PCB GOLD Sullins Connector Solutions
GRPB121VWVN-RC
@J1
TWO CONN HEADER .050" 3 POS PCB GOLD
Sullins Connector Solutions
GRPB031VWVN-RC
J2
CONN MAGJACK 1 PORT 100 BASE-TX
Pulse Electronics Corporation
J3011G21DNL
R1, R2, R3,
R4, R6, R8
RES 4.70K OHM 1/10W 1% 0603 SMD
Panasonic - ECG
ERJ-3EKF4701V
R5, R16
RES 10K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT10K0
R7
RES 1.50K OHM 1/10W 1% 0603 SMD
Vishay Dale
CRCW06031K50FKEA
R11, R12,
R13, R14
RES 33 OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT33R0
R15
RES 12.1K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT12K1
R17, R18,
R19, R20
RES TF 1/10W 49.9 OHM 1% 0603
Stackpole Electronics Inc.
RMCF0603FG49R9
R21, R22
RES TF 1/10W 249 OHM 1% 0603
Stackpole Electronics Inc.
RMCF0603FG249R
R23
RES 0.0 OHM 1/4W 0805 SMD
Yageo
RC0805JR-070RL
U1
TX/RX Ethernet 32-pin QFN
Microchip Technology Inc.
LAN8740A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com