Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology PIC32MZ Datasheet HTML 27Page - Microchip Technology PIC32MZ Datasheet HTML 28Page - Microchip Technology PIC32MZ Datasheet HTML 29Page - Microchip Technology PIC32MZ Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PIC32MZ EF Family Starter Kit User’s Guide
DS70005230A-page 26
 2015 Microchip Technology Inc.
R5, R6, R7, R8,
R9, R10, R11,
R12, R13, R59,
R60, R63
RES 330 OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT330R
R14, R15, R16,
R17, R18, R19,
R20, R21, R22
RES 10K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT10K0
R24, R25, R26,
R27
RES 100K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT100K
R28, R29
RES 200K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT200K
R30, R31, R32,
R64, R65
RES 2.21K OHM 1/10W 1% 0603 SMD
Panasonic Electronic
Components
ERJ-3EKF2211V
R33
RES 3.92K OHM 1/10W 1% 0603 SMD
Yageo
RC0603FR-073K92L
R34
RES 1K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT1K00
R35
RES 100 OHM 1/10W 1% 0603 SMD
Yageo
RC0603JR-07100RL
R36
RES 100 OHM 1/4W 1% 1206 SMD
Yageo
RC1206FR-07100RL
R37
RES 3.16K OHM 1/10W 1% 0603 SMD
Yageo
RC0603FR-073K16L
R38, R39, R42,
R55, R57, R62,
R66, R67, R68,
R69
RES 0.0 OHM 1/10W 0603 SMD
Panasonic Electronic
Components
ERJ-3GEY0R00V
R48, R49, R50,
R51, R52, R53
RES 33 OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc.
RMCF0603FT33R0
S1, S2, S3
SWITCH TACTILE SPST-NO 0.05A 12V
C&K Components
PTS635SK25SMTR LFS
U1 (see Note 1) PIC32MZ2048EFM144-I/PH (Crypto)
Microchip Technology Inc.
PIC32MZ2048EFM144-I/PH
U1 Alternative
(see Note 1)
PIC32MZ2048EFH144-I/PH (Non-Crypto)
Microchip Technology Inc.
PIC32MZ2048EFH144-I/PH
U2
IC PIC MCU FLASH 256K 64-TQFP
Microchip Technology Inc.
PIC24FJ256GB106-I/PT
U3
IC REG LDO 1.5A 3.3V 8DFN
Microchip Technology Inc.
MCP1727-3302E/MF
U4
IC EEPROM 256 KBIT 10 MHz 8 TSSOP
Microchip Technology Inc.
25LC256-I/ST
U5
IC MULT CONFIG 3.3/5V .12A 8 MSOP
Microchip Technology Inc.
MCP1253-33X50I/MS
U6
IC PWR DIST SWITCH SNGL SOT23-5
Texas Instruments
TPS2051BDBVR
U7
IC SWITCH LOAD FULL FUNC SOT23-5
Fairchild Semiconductor
FPF2104
U8
IC USB TO UART 20 QFN
Microchip Technology Inc.
MCP2221-I/ML
U9
IC FLASH 32MBIT
Microchip Technology Inc.
SST26VF032BA-104I/SM
Y3
CRYSTAL 12.000000 MHZ 8 µF SMD
NDK
NX3225SA-12.000MHZ-STD-CSR-1
Y4
ASDMB-24.000MHZ-LC-T
Abracon LLC
ASDMB-24.000MHZ-LC-T
Y5
OSC MEMS 50.000 MHz_1.8V~3.3V SMD Abracon LLC
ASEMB-50.000MHZ-LC-T
@J6
3POS 0.05" SINGLE ROW TH HEADER
Samtec
SLM-103-103-L-S
@JP1
SHUNT JUMPER .1" BLACK GOLD
3M
969102-0000-DA
installed @ JP2
SHUNT 2POS (0.05" X0.05")
SULLINS
NPB02DVFN-RC
Foot (bottom)
BUMPON CYLINDRICAL .375X.135 BLK
3M
SJ61A8
Y1
CRYSTAL 24.000 MHz 8 µF SMD
AVX Corp/Kyocera Corp.
CX3225GA24000D0PTVZ1
Y2
OSCILLATOR 32.768 kHz 3.3V SMD
CTS-Frequency Controls
TC25L5I32K7680
TABLE B-1:
BILL OF MATERIALS (CONTINUED)
Reference
Description
Manufacturer
Part No.
Note
1:
Depending on the starter kit purchased, the development board will be populated with either a PIC32MZ2048EFM144
(with Crypto Engine) device or a PIC32MZ2048EFH144 device (without Crypto Engine).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com