Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology PIC32MZ Datasheet HTML 27Page - Microchip Technology PIC32MZ Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
FIGURE A-6:
LAN8740A PHY DAUGHTER BOARD SCHEMATICS
RXD1
RXD0
RX_ER
MDIO
MDC
TX_EN
TXD0
TXD1
CRS_DV
nRST
+3.3V
CLK_IN
0.1uF
C6
nINT
GND
LED2/nINT/nPME/nINTSEL
2
LED1/nINT/nPME/REGOFF
3
XTAL2
4
XTAL1/CLKIN
5
RXCLK/PHYAD1
7
RXD3/PHYAD2
8
RXD2/nPME/RMIISEL
9
RXD1/MODE1
10
RXD0/MODE0
11
RXER/RXD4/PHYAD0
13
CRS
14
COL/CRS_DV/MODE2
15
MDIO
16
MDC
17
nINT/TXER/TXD4
18
nRST
19
TXCLK
20
TXEN
21
TXD0
22
TXD1
23
TXD2
24
TXD3
25
RXDV
26
TXN
28
TXP
29
RXN
30
RXP
31
RBIAS
32
LED2/nINT/nPME/nINTSEL
LED1/nINT/nPME/REGOFF
XTAL2
XTAL1/CLKIN
RXCLK/
K
K PHYAD1
RXD3/PHYAD2
RXD2/nPME/RMIISEL
RXD1/MODE1
RXD0/MODE0
RXER/RXD4/PHYAD0
CRS
COL/CRS_DV/MODE2
MDIO
MDC
nINT/TXER/TXD4
nRST
TXCLK
TXEN
TXD0
TXD1
TXD2
TXD3
RXDV
TXN
X
X
TXP
RXN
X
X
RXP
RBIAS
U1
*SMSC LAN8740
RXD1
RXD0
RX_ER
MDIO
MDC
TX_EN
TXD0
TXD1
CRS_DV
nRST
CLK_IN
nINT
GND
GND
LED_ACT
TXP
TXN
RXP
RXN
LED_LINK
R17
R18
R19
R20
249R
±1%
R21
249R
±1%
R22
12pF
C10
GND
12pF
C10
0
0
GN
G
G D
12pF
C11
12pF
C12
12pF
C13
For EMI Purposes
(DNP)
VDDA
0.022uF
C14
0R
R23
EGND
EGND
GND
EGND
EGN
G
G D
EGN
G
G D
Create EGND copper pour
around RJ-45 Conn
VDDA
J3011G21DNL
2
12
8
4
11
1
7
6
NC
9
10
3
5
SHIELD
14
SHIELD
13
J7
J6
J4
J3
J1
J5
J8
J2
Yel
Grn
1000pF 2KV
J2
TXN
TXP
RXP
RXN
TX_P
TX_N
RX_N
RX_P
LED_ACT
LED_LINK
12.1k
±1%
R15
GND
GND
GND
GND
1.0uF
C3
1.0uF
C7
0.1uF
C4
0.1uF
C5
FB1
VDDA
+3.3V
1.0uF
C1
GND
0.1uF
C2
+3.3V
10K
R5
10K
R16
+3.3V
1.5K
R7
±1%
4.7K
R1
±1%
4.7K
R2
±1%
4.7K
R3
±1%
4.7K
R1
±1%
4.7K
R2
±1%
4.7K
R3
MODE[2:0] = 111
Default
+3.3V
+3.3V
10K
R5
RMII
EN
±1%
4.7K
R6
±1%
4.7K
R4
±1%
4.7K
R8
GND
±1%
4.7K
R6
±1%
%
4.7K
R4
±1%
4.7K
R8
GN
G
G D
PHYAD[2:0] = 000
Default
GN
G
G D
LED__LIN
_
K
249R
±1%
R22
REGOFF=0
(Regulator ON)
GND
1.0uF
C8
470pF
C9
GND
CLK_IN
33R
±1%
R12
33R
±1%
R13
33R
±1%
R14
33R
±1%
R11
33R
±1%
R12
33R
±1%
R13
33R
±1%
R11
Place close to U1
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
19
20
21
22
23
24
14
S9014E-12-ND
J1
2 HDR/DB
EGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com