Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
FIGURE A-4:
DEBUGGER SCHEMATICS
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
(Local Vdd/Vss bypass/decoupling.)
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
SERIAL EEPROM (25LC256)
ASSEMBLY_ID_0
ASSEMBLY_ID_1
ICSP_MCLR_VPP_PICKIT3
ICSP_MCLR_VPP_PICKIT3
POWER_GOOD_PICKIT3
SCK
SDI
SDO
UTIL_CS
UTIL_CS
UTIL_WP
UTIL_WP
USB_D-
USB_D+
UTIL_SCK
UTIL_SCK
UTIL_SDI
UTIL_SDI
UTIL_SDO
UTIL_SDO
VBUS_DEVICE
VDD_SENSE
VPP_GND
VPP_ON
VPP_SENSE
VREF_2.5V
GND
+3.3V_PKOB
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PGC__PKOB
PGD_PKOB
PGC__PKOB
PGD_PKOB
TARGET ICSP SIGNALS
SCK
SDI
SDO
GND
GND
ICSP_MCLR_VPP_TARGET
VDD_SENSE
VPP_GND
VPP_ON
VPP_SENSE
GND
GND
USB_D-
USB_D+
GND
GND
+3.3V_PKOB
POWER_GOOD_PICKIT3
GND
VBUS_DEVICE
POWER DISTRIBUTION/SWITCHING
USB INTERFACE
(BUS POWERED)
GND
+3.3V_PKOB
EGND
10K
R14
10K
R15
10K
R19
10K
R16
10K
R20
10K
R22
10K
R21
10K
R18
R39 0R
4.7K
R2
4.7K
R3
330R
R8
330R
R9
330R
R10
330R
R11
330R
R12
2.21K
R32
2.21K
R30
2.21K
R31
2.2uF
C40
2.2uF
C41
0.1uF
C11
0.1uF
C12
0.1uF
C14
0.1uF
C15
0.1uF
C16
0.1uF
C17
0.01uF
C30
1uF
C32
0.1uF
C10
C38
8pF
C39
8pF
10 F
C43
200K
R29
200K
R28
100R
R35
1uF
C31
R42
0R
R33
3.92K
100K
R27
R37
3.16K
R45
DNP
R44
DNP
R43
DNP
R36
100R
2.2K
1206 1/4W
1K
R34
4
2
Y3
12.0MHz
D6
GRN
SCK
6
SI
5
CS
1
WP
3
SO
2
HOLD
7
SCK
SI
CS
WP
SO
HOLD
U4
25LC256-I/ST
D2
MBR0520LT1G
D+
3
D-
2
GND
5
ID
4
VUSB
1
,,,
D+
D-
GND
ID
VUSB
J3
UX60-MB-5ST
+3.3V_PKOB
1
2
3
4
5
6
J2
AN0/RB0
16
AN3/RB3
13
VDD
10
MCLR
7
PMA5/RG6
4
PMD5/RE5
1
USBID/RF3
33
D-/RG3
36
OSC1/CLKIN/RC12
39
RTCC/RD8
42
PMCS1/RD11
45
SOSCO/RC14
48
AN2/RB2
14
AN1/RB1
15
PMA2/RG9
8
VSS
9
AN5/RB5
11
PMD6/SCL3/RE6
2
PMD7/SDA3/RE7
3
PMA4/RG7
5
Vusb
35
Vbus
34
VSS
41
OSC2/CLKO/RC15
40
VDD
38
SOSCI/RC13
47
INT0/RD0
46
SCL1/PMCS2/RD10
44
USBOENAN4/RB4
12
PMA3/RG8
6
D+/RG2
37
SDA1/RD9
43
AN0/RB0
AN3/RB3
VDD
MCLR
PMA5/RG6
PMD5/RE5
USBID/RF3
D-/RG3
OSC1/CLKIN/RC12
RTCC/RD8
PMCS1/RD11
SOSCO/RC14
AN2/RB2
AN1/RB1
PMA2/RG9
VSS
AN5/RB5
PMD6/SCL3/RE6
PMD7/SDA3/RE7
PMA4/RG7
Vusb
Vbus
VSS
OSC2/CLKO/RC15
VDD
SOSCI/RC13
INT0/RD0
SCL1/PMCS2/RD10
USBOENAN4/RB4
PMA3/RG8
D+/RG2
SDA1/RD9
U2
PIC24FJ256GB106
GND
4
VIN
1
PWRGD
5
VOUT
8
VIN
2
SHDN
3
SENSE
7
CDELAY
6
GND
VIN
PWRGD
VOUT
VIN
SHDN
SENSE
CDELAY
U3
MCP1727-3302E/MF
10K
R17
MMBT3904-TP
Q2
MMBT3904-TP
Q3
MMBT3906-TP
Q1
VBUS_DEVICE_SWITCHED_SENSE
TARGET_POWER_ENABLE
0.1uF
C13
PGEC2/AN46/RPB6/RB6
PGED2/AN47/RPB7/RB7
PKOB Mode
REAL ICE Mode
pins 1-3: Shorted
pins 1-3: Open
pins 2-4: Shorted
pins 2-4: Open
JP2 Jumper Positions
1
4
JP2
3
2
+5V_EXT
D10
MBR0520LT1G
DEBUG
DEBUG
GND
+5V_DUSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com