Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PIC32MZ EF Family Starter Kit User’s Guide
DS70005230A-page 18
 2015 Microchip Technology Inc.
2.1.11
40-pin Expansion Connector
On the back of the starter kit is a 40-pin (2 x 20) header (J12) that can be used to add
expansion boards to the starter kit. The header provides 2-pin UART (through UART4
or UART6), I2C (through I2C2), SPI (through SPI1) and GPIO capabilities. Table 2-3
lists the pins and the functions available through them.
TABLE 2-3:
J12 CONNECTIONS
Function 1
Function 2
Pin
Pin
Function 2
Function 1
—
+3V3
1
2
+5V
—
RA3
SDA2
3
4
+5V
—
RA2
SCL2
5
6
GND
—
RA14
—
7
8
UxTX
RG6
—
GND
9
10
UxRX
RB14
RD0
—
11
12
—
RF2
RJ13
—
13
14
GND
—
RB3
—
15
16
—
RK1
—
+3V3
17
18
—
RK2
RF5
MOSI
19
20
GND
—
RF4
MISO
21
22
—
RK3
RD1
SCLK
23
24
—
RJ5
—
GND
25
26
—
RJ7
—
No Connect
27
28
No Connect
—
RH7
—
29
30
GND
—
RH9
—
31
32
—
RH11
RK4
—
33
34
GND
—
RK5
—
35
36
—
RK6
RD10
—
37
38
—
RH15
—
GND
39
40
—
RJ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com