Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 9Page - Microchip Technology PIC32MZ Datasheet HTML 10Page - Microchip Technology PIC32MZ Datasheet HTML 11Page - Microchip Technology PIC32MZ Datasheet HTML 12Page - Microchip Technology PIC32MZ Datasheet HTML 13Page - Microchip Technology PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Introduction
 2015 Microchip Technology Inc.
DS70005230A-page 13
The bottom assembly of the board includes these key features, as indicated in
Figure 1-2:
1.
PIC24FJ256GB106 USB microcontroller for on-board debugging.
2.
Regulated +3.3V power supply for powering the starter kit through USB or
expansion board.
3.
Connector for various expansion boards.
4.
USB Type micro-AB receptacle for OTG and USB device connectivity for PIC32
OTG/device-based applications.
5.
50 MHz Ethernet PHY oscillator.
FIGURE 1-2:
PIC32MZ EF FAMILY STARTER KIT LAYOUT (BOTTOM VIEW)
3
1
4
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com