Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 12Page - Microchip Technology PIC32MZ Datasheet HTML 13Page - Microchip Technology PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PIC32MZ EF Family Starter Kit User’s Guide
DS70005230A-page 16
 2015 Microchip Technology Inc.
2.1.4
PIC32 USB Connectivity
There are three possible ways to connect to the PIC32 USB microcontroller:
• HOST Mode – Connect the device to the Type A connector J5, which is located on
the top side of the starter kit. Note that a maximum of ~400 mA can be supplied
from the Debug USB port to the Host port using this method. If the full 500 mA
supply is needed, an external supply must be connected to the application board.
• DEVICE Mode – Connect the debug mini-B USB cable to port J3, and then
connect the starter kit to the host using a cable with a Type-B micro-connector to
the starter kit’s micro-A/B port J4, which is located on the bottom side of the
board. The other end of the cable must have a Type-A connector. Connect it to a
USB host.
• OTG Mode – Connect the starter kit to the OTG device using an OTG micro-A/B
cable to the micro-A/B port J4, which is located on the bottom side of the board.
The starter kit provides an on-board power supply capable of providing 120 mA
Max. This supply is controlled by the PIC32MZ2048EFH144 device.
2.1.5
Switches
Push button switches provide the following functionality:
• SW1: Active-low switch connected to RB12
• SW2: Active-low switch connected to RB13
• SW3: Active-low switch connected to RB14
The switches do not have any debounce circuitry and require the use of internal pull-up
resistors; this allows you to investigate software debounce techniques. When Idle, the
switches are pulled high (+3.3V), and when pressed, they are grounded.
2.1.6
LEDs
The RH0 through RH2 LEDs are connected to PORTH of the processor. The LATH pins
are set high to light the LEDs.
2.1.7
Oscillator Options
A 24 MHz oscillator circuit (Y4) is connected to the on-board microcontroller. This
oscillator circuit functions as the controller’s primary oscillator. Depending on which is
populated on the starter kit board, a 24 MHz crystal (Y1) may be used instead of Y4.
Use of an external crystal is required to develop USB applications. The USB specification
dictates a frequency tolerance of ±0.25% for high speed. Non-USB applications can use
the internal oscillators.
The starter kit also has provisions for an external secondary 32 kHz oscillator (Y2);
however, this is not populated. A suitable oscillator, the ECS-3X8, can be obtained from
Digi-Key: P/N - X801-ND CMR200TB32.768KDZFTR.
The PIC24FJ256GB106 is independently clocked and has its own 12 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com