Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 13Page - Microchip Technology PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Hardware
 2015 Microchip Technology Inc.
DS70005230A-page 17
2.1.8
168-pin Modular Expansion Connector
The PIC32MZ Embedded Connectivity with Floating Point Unit (EF) Family Starter
Kit has been designed with a 168-pin modular expansion interface, which allows
the board to provide basic generic functionality and easy extendability to new
technologies as they become available.
2.1.9
Ethernet PHY
The Microchip LAN8740A PHY Daughter Board is populated with a low-power, small-
footprint, 10/100 Fast Ethernet LAN8740A PHY, which features Energy Efficient
Ethernet (IEEE 802.3az) and Wake-on-LAN functionality. This daughter board is
designed for easy development of RMII Ethernet control applications when it is
connected into a compatible PIC32 starter kit.
To use a different Ethernet PHY other than what is offered, visit the microchipDIRECT
website (www.microchipdirect.com) for the list of alternate options.
2.1.10
USB-to-UART/I2C Communication
To facilitate application debug and development, a MCP2221 USB-to-UART/I2C device
(U8) is available. The MCP2221 creates a virtual COM port on the personal computer
when a mini-USB cable is connected between J11 and the host personal computer. To
download the driver for the MCP2221, please visit the MCP2221 product page
(www.microchip.com/MCP2221).
Libraries are also available on the MCP2221 web site that allow the host PC to
communicate with the PIC32MZ EF device through the I2C bus. Pull-up resistors are
provided (R64 and R65).
If the features of the MCP2221 are not desired, disconnect the MCP2221 from the
PIC32MZ EF device by removing resistors R66, R67, R68, and R69.
Table 2-2 lists the MCP2221 UART and I2C pins that are connected to the PIC32MZ
EF device.
TABLE 2-2:
MCP2221 UART PIN CONNECTIONS
Three LEDs (D8, D9, and D11) are available to provide a visual indication of activity on
the MCP2221. D8 is a red LED, which indicates receive activity (data from the PIC32).
D9 is a green LED, which indicates transmit activity (data to the PIC32). D11 is a yellow
LED, which indicates activity on the I2C bus.
TABLE 2-1:
STARTER KIT CONNECTOR PART NUMBERS
Connector
HIROSE Electric PN
Starter Kit Connector
FX10A-168P-SV1(71)
Application Board Connector
FX10A-168S-SV
MCP2221
PIC32MZ EF Device
PIC32MZ Device
UART/I2C
Function
Pin #
Function
Pin #
Full Pin Name
4
RX
61
AN9/RPB14/SCK3/RB14
U2TX
5
TX
14
AN14/C1IND/RPG6/SCK2/RG6
U2RX
9
SCL
16
AN12/C2IND/RPG8/SCL4/RG8
SCL4
10
SDA
15
AN13/C1INC/RPG7/SDA4/RG7
SDA4
Note 1:
The CTS and RTS functions are not required, but are available if desired. The
MCP2221 configuration utility can be used to turn those functions on and off.
Note:
Since the MCP2221 receive (RX) line shares the same pin as SW3, SW3
cannot be used in an application where the MCP2221 is also used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com