Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 16Page - Microchip Technology PIC32MZ Datasheet HTML 17Page - Microchip Technology PIC32MZ Datasheet HTML 18Page - Microchip Technology PIC32MZ Datasheet HTML 19Page - Microchip Technology PIC32MZ Datasheet HTML 20Page - Microchip Technology PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PIC32MZ EF Family Starter Kit User’s Guide
DS70005230A-page 20
 2015 Microchip Technology Inc.
A.2
SCHEMATICS
FIGURE A-2:
PIC32MZ EF FAMILY DEVICE SCHEMATICS
P32_VDD
P32_VDD
4.7K
R1
DNP
RG15
TRD1/SQID1/RG12
TRD2/SQID2/RG14
EBID5/PMD5
EBID6/PMD6
EBID7/PMD7
EBID4/PMD4
EBID3/PMD3
EBID2/PMD2
EBID1/PMD1
EBID10/PMD10
EBIA15/PMCS2/RD9
EBIA16/RK0
EBIWE/PMWR/RC3
SOSCO/RC14
EBID15/PMD15
EBID13/PMD13
EBID12/PMD12
EBID9/PMD9
EBID0/PMD0
EBID11/PMD11
EBID8/PMD8
TRD0/SQID0/RG13
TRD3/SQID3/RA7
TRCLK/SQICLK/RA6
SOSCI/RC13
SQICS0/RPD4/RD4
AN4/C1INB/RB4
SDA2/RA3
SCL2/RA2
PGEC1/AN1/RPB1/RB1
PGED1/AN0/RPB0/RB0
RPA15/SDA1/RA15
RPA14/SCL1/RA14
INT0/RD0
RPD1/SCK1/RD1
EBIA13/PMA13/RJ13
EBIA12/PMA12/RC2
EBIA11/PMA11/RB12
EBIA10/PMA10/RB8
EBIA9/PMA9
EBIA5/PMA5/RA5
EBIA7/PMA7
EBIA6/PMA6
EBIA3/PMA3
EBIA2/PMA2/RG9
EBIA1/PMA1
EBIA0/PMA0/RJ15
PGED2/AN47/RPB7/RB7
PGEC2/AN46/RPB6/RB6
ICSP_MCLR_VPP_TARGET
TMS/RA0
TCK/RA1
TDO/RF12
TDI/RF13
VREF-/RA9
VREF+/RA10
D+
D-
ETXD0
ETXD1
ERXERR
ERXD1
ERXD0
EBIA19/RK5
EBIA20/RK6
EMDC
EMDIO
ETXEN
EBIA21/RK7
0.01uF
C20
0.1uF
C1
P32_VDD
0.01uF
C21
0.1uF
C2
0.1uF
C3
P32_VDD
0.1uF
C4
P32_VDD
0.01uF
C24
0.1uF
C5
P32_VDD
0.01uF
C25
0.1uF
C6
P32_VDD
0.01uF
C26
0.1uF
C7
P32_VDD
0.01uF
C27
P32_VDD
0.01uF
C28
EBIA4/PMA4
VBUS
P32_VDD
P32_VDD
EBID14/PMD14
EREF_CLK
ECRS/RH13
EBIA14/PMCS1/PMA14/RA4
EBIA8/PMA8
EBIA18/RK4
RH0
RH1
RH2
AN7/RB12
AN8/RB13
AN3/C2INA/RPB3/RB3
RF3/USBID/RPF3
AN45/C1INA/RPB5/RB5/VBUSON
SCL3/RPF8/RF8
SQICS1/RPD5/RD5
AN32/AETXD0/RPD14/RD14
AN33/RPD15/SCK6/RD15
AN26/RPE9/RE9
AN25/RPE8/RE8
AN6/RB11
AN13/C1INC/RPG7/SDA4/RG7
AN12/C2IND/RPG8/SCL4/RG8
RPD10/SCK4/RD10
EBICS0/RJ4
EBIA17/RK3
EBIBS0/RJ12
EBIBS1/RJ10
SDA3/RPF2/RF2
AN2/C2INB/RPB2/RB2
AN42/ERXD2/RH6
0.01uF
C22
0.01uF
C23
0.1uF
C8
0.1uF
C9
ERXD3/RH9
ECOL/RH10
EBIRDY2/RH11
EBIA23/RH15
EBIADV/RH14
ECRS/RH12
EBICS2/RJ6/SQI_PWR
EBICS1/RJ5
ETXCLK/RPD7/RD7
EBIA22/RJ3
CVREFOUT/AN5/RPB10/RB10
AN10/RPB15/OCFB/RB15
RH3
AN9/RPB14/SCK3/RB14
EBIRDY3/RJ2
ETXERR/RJ0
EBICS3/RJ7
C47
DNP
EBIOE/PMRD/RC4
33R
R48
33R
R49
33R
R50
33R
R51
C49
0R
R55
DNP
1
2
3
4
5
6
J7
P32_VDD
PGED2/AN47/RPB7/RB7
PGEC2/AN46/RPB6/RB6
ICSP_MCLR_VPP_TARGET
TC25L5I32K7680
EN
1
GND
2
OUT
3
VDD
4
Y2
P32_VDD
0.01uF
C36
P32_VDD
0.01uF
C29
P32_VDD
24MHz
EN
1
GND
2
OUT
3
VDD
4
Y4
24MHz
Y1
8.0pF
C34
8.0pF
C35
4.22M
R56
Only Oscillator or Crystal Configuration
should be populated.
Please check PCB/BOM to determine
which configuration is populated
32.768 kHz
EBIRDY2/RH11
84
ERXD0/RH8
81
RPF3/USBID/RF3
78
EMDC/RPD11/RD11
99
RPA15/SDA1/RA15
96
EBIA19/RK5
93
EBIA9/RPF4/SDA5/PMA9/RF4
90
EBIA14/PMCS1/PMA14/RA4
87
AN25/RPE8/RE8
23
MCLR
20
VSS
17
AN14/C1IND/RPG6/SCK2/RG6
14
EBIA12/AN21/RPC2/PMA12/RC2
11
AN36/ETXD1/RJ9
8
EBID7/AN15/PMD7/RE7
5
EBIA5/AN34/PMA5/RA5
2
VUSB3V3
74
AN26/RPE9/RE9
24
AN45/C1INA/RPB5/RB5
25
EBIA2/AN11/C2INC/RPG9/PMA2/RG9
21
VDD
18
TMS/AN24/RA0
22
EBIA16/RK0
19
AN13/C1INC/RPG7/SDA4/RG7
15
EBIWE/AN20/RPC3/PMWR/RC3
12
AN12/C2IND/RPG8/SCL4/RG8
16
EBIOE/AN19/RPC4/PMRD/RC4
13
EBIBS0/ RJ12
9
EBIA6/AN22/RPC1/PMA6/RC1
6
EBIBS1/RJ10
10
AN35/ETXD0/RJ8
7
EBID5/AN17/RPE5/PMD5/RE5
3
EBID6/AN16/PMD6/RE6
4
AN23/RG15
1
ERXD3/RH9
82
SDA3/RPF2/RF2
79
SCL3/RPF8/RF8
80
VBUS
73
VSS
75
D-
76
ECRS/RH12
100
EBIA15/RPD9/PMCS2/PMA15/RD9
97
RPD10/SCK4/RD10
98
EBIA20/RK6
94
EBIA8/RPF5/SCL5/PMA8/RF5
91
EBIA18/RK4
92
VDD
88
SCL2/RA2
85
EBIRDY1/SDA2/RA3
86
ECOL/RH10
83
D+
77
RPA14/SCL1/RA14
95
VSS
89
AN37/ERXCLK/EREFCLK/RJ11
27
EBIA0/PMA0/RJ15
30
VDD
33
PGED1/AN0/RPB0/RB0
36
VREF-/CVREF-/AN27/RA9
39
AVSS
42
EBIRP/RH2
45
EBIA7/AN49/RPB9/PMA7/RB9
48
AN4/C1INB/RB4
26
EBIA11/PMA11/RJ14
29
EBIA13/PMA13/RJ13
28
VSS
32
PGEC1/AN1/RPB1/RB1
35
AN2/C2INB/RPB2/RB2
34
PGED2/AN47/RPB7/RB7
38
AVDD
41
VREF+/CVREF+/AN28/RA10
40
AN39/ETXD3/RH1
44
EBIA10/AN48/RPB8/PMA10/RB8
47
EBIWP/RH3
46
AN6/RB11
50
AN3/C2INA/RPB3/RB3
31
PGEC2/AN46/RPB6/RB6
37
AN38/ETXD2/RH0
43
CVREFOUT/AN5/RPB10/RB10
49
EBIA17/RK3
53
TCK/AN29/RA1
56
AN7/RB12
59
AN10/RPB15/OCFB/RB15
62
AN40/ERXERR/RH4
65
EBIA4/PMA4/RH7
68
OSCI/CLKI/RC12
71
EBIA3/PMA3/RK2
52
EBIA1/PMA1/RK1
51
VDD
55
TDO/AN31/RPF12/RF12
58
VSS
54
TDI/AN30/RPF13/SCK5/RF13
57
AN9/RPB14/SCK3/RB14
61
VDD
64
AN8/RB13
60
VSS
63
AN42/ERXD2/RH6
67
AN33/RPD15/SCK6/RD15
70
AN41/ERXD1/RH5
66
AN32/AETXD0/RPD14/RD14
69
OSCO/CLKO/RC15
72
ERXDV/ECRSDV/RH13
101
RH14
102
EBIA23/RH15
103
RPD0/RTCC/INT0/RD0
104
SOSCI/RPC13/RC13
105
SOSCO/RPC14/T1CK/RC14
106
VDD
107
VSS
108
RPD1/SCK1/RD1
109
EBID14/RPD2/PMD14/RD2
110
EBID15/RPD3/PMD15/RD3
111
EBID12/RPD12/PMD12/RD12
112
EBID13/PMD13/RD13
113
ETXERR/RJ0
114
EMDIO/AEMDIO/RJ1
115
EBIRDY3/RJ2
116
EBIA22/RJ3
117
SQICS0/RPD4/RD4
118
SQICS1/RPD5/RD5
119
ETXEN/RPD6/RD6
120
ETXCLK/RPD7/RD7
121
VDD
122
VSS
123
EBID11/RPF0/PMD11/RF0
124
EBID10/RPF1/PMD10/RF1
125
EBIA21/RK7
126
EBID9/RPG1/PMD9/RG1
127
EBID8/RPG0/PMD8/RG0
128
TRCLK/SQICLK/RA6
129
TRD3/SQID3/RA7
130
EBICS0/RJ4
131
EBICS1/RJ5
132
EBICS2/RJ6
133
EBICS3/RJ7
134
EBID0/PMD0/RE0
135
VSS
136
VDD
137
EBID1/PMD1/RE1
138
TRD2/SQID2/RG14
139
TRD1/SQID1/RG12
140
TRD0/SQID0/RG13
141
EBID2/PMD2/RE2
142
EBID3/RPE3/PMD3/RE3
143
EBID4/AN18/PMD4/RE4
144
U1
PIC32MZ2048EFH144-I/PH or PIC32MZ2048EFM144-I/PH
P32_VDD
P32_VDD
AN14/C1IND/RPG6/SCK2/RG6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com