Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 8Page - Microchip Technology PIC32MZ Datasheet HTML 9Page - Microchip Technology PIC32MZ Datasheet HTML 10Page - Microchip Technology PIC32MZ Datasheet HTML 11Page - Microchip Technology PIC32MZ Datasheet HTML 12Page - Microchip Technology PIC32MZ Datasheet HTML 13Page - Microchip Technology PIC32MZ Datasheet HTML 14Page - Microchip Technology PIC32MZ Datasheet HTML 15Page - Microchip Technology PIC32MZ Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PIC32MZ EF Family Starter Kit User’s Guide
DS70005230A-page 12
 2015 Microchip Technology Inc.
1.2
STARTER KIT FUNCTIONALITY AND FEATURES
1.2.1
Development Board
Representations of the layout of the development board included in the PIC32MZ EF
Family Starter Kit are shown in Figure 1-1 and Figure 1-2.
The top assembly of the board includes these key features, as indicated in Figure 1-1:
1.
PIC32MZ2048EFH144-I/PH or PIC32MZ2048EFM144-I/PH (Crypto Engine) MCU.
2.
Green power indicator LED.
3.
On-board crystal or oscillator for precision microcontroller clocking (24 MHz).
4.
USB connectivity for on-board debugger communications.
5.
Green debug indicator LED.
6.
Three push button switches for user-defined inputs.
7.
Three user-defined indicator LEDs.
8.
USB Type A receptacle connectivity for PIC32 host-based applications.
9.
USB-to-UART communication.
10. Daughter board connectors for flexible Ethernet PHY options.
11. 32 kHz oscillator for RTCC and Timer1 (optional).
12. External 4 GB SQI memory for expanded memory applications.
13. Jumper for using or disconnecting the on-board debugger.
14. Connector for an external debugger such as MPLAB® REAL ICE or MPLAB ICD 3.
15. 40-pin expansion connector for adding external boards.
For details on these features, refer to Chapter 2. “Hardware”.
FIGURE 1-1:
PIC32MZ EF FAMILY STARTER KIT LAYOUT (TOP VIEW)
Note:
When running self-powered USB device applications, open the jumper JP1
to prevent possibly back-feeding voltage onto the VBUS from one port on
the host to another (or from one host to another).
4
5
6
1
3
9
2
9
8
11
7
6
6
7
7
13
14
10
10
12
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com