Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC32MZ
Description  PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MZ Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC32MZ Datasheet HTML 21Page - Microchip Technology PIC32MZ Datasheet HTML 22Page - Microchip Technology PIC32MZ Datasheet HTML 23Page - Microchip Technology PIC32MZ Datasheet HTML 24Page - Microchip Technology PIC32MZ Datasheet HTML 25Page - Microchip Technology PIC32MZ Datasheet HTML 26Page - Microchip Technology PIC32MZ Datasheet HTML 27Page - Microchip Technology PIC32MZ Datasheet HTML 28Page - Microchip Technology PIC32MZ Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
PIC32MZ EF FAMILY STARTER KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS70005230A-page 25
Appendix B. Bill of Materials
B.1
PIC32MZ EF FAMILY STARTER KIT BILL OF MATERIALS
TABLE B-1:
BILL OF MATERIALS
Reference
Description
Manufacturer
Part No.
C1, C2, C3, C4,
C5, C6, C7, C8,
C9, C10, C11,
C12, C13, C14,
C15, C16, C17,
C18, C19, C50
CAP CER .10 µF 50V X7R 0603
TDK Corporation
C1608X7R1H104M080AA
C20, C21, C22,
C23, C24, C25,
C26, C27, C28,
C29, C30, C48
Cap, Ceramic, 0.01µF, 50V X7R, Cap,
TDK Corporation
C1608X7R1H103M080AA
C31, C32, C37
CAP CER 1.0 µF 16V X5R 10% 0603
TDK Corporation
C1608X5R1C105K080AA
C33, C43, C45
CAP CER 10 µF 16V Y5V 0805
Murata Electronics North
America
GRM21BF51C106ZE15L
C38, C39
CAP CER 8 µF 50V NP0 0603
TDK Corporation
C1608C0G1H080D080AA
C40, C41
CAP CER 2.2 µF 16V X5R 0603
TDK Corporation
C1608X5R1C225K080AB
C42
CAP CER 4.7 µF 6.3V 10% X5R 0603
Taiyo Yuden
JMK107BJ475KA-T
C46
CAP CER 100 µF 6.3V Y5V 1206
Murata Electronics North
America
GRM31CF50J107ZE01L
D1, D2, D10
DIODE SCHOTTKY 20V 0.5A SOD123
ON Semiconductor
MBR0520LT1G
D3, D9
LED, SMD, RED, 0603 package
Kingbright
APT1608EC
D4, D11
LED, SMD, YEL, 0603 package
Kingbright
APT1608YC
D5, D6, D7, D8
LED GREEN CLEAR THIN 0603 SMD
Kingbright
APT1608SGC
DEBUG
TEST POINT PC MINI .040"D WHITE
Keystone Electronics
5002
GND
TEST POINT PC MINI .040"D BLACK
Keystone Electronics
5001
J1
Hirose FX10_ 168 pin Header
Hirose Electric Co Ltd
FX10A-168P-SV1(71)
J7
CONN HEADER .050" 6POS PCB GOLD
Sullins Connector Solutions
GRPB061VWVN-RC
J3, J11
CONN RECEPT MINI USB2.0 5POS
Hirose Electric Co Ltd
UX60-MB-5ST
J4
CONN USB TYPE MICRO_A/B
Hirose Electric Co Ltd
ZX62-AB-5PA(11)
J5
CONN USB TYPE A R/A BLACK
On Shore Technology Inc
USB-A1HSB6
J6
12POS 0.05" SINGLE ROW TH HEADER
Sullins Connector Solutions
LPPB121NFFN-RC
J12
CONN HEADER .1" 2X20 MALE TH
Samtec
FTS-102-01-L-D
JP1
CONN HEADER .100" SNGL STR 2POS
Samtec
TSW-102-07-F-S
JP2
2X2 (0.05"x 0.05") TH HEADER
Samtec
TWS-120-08-L-D
P32_VDD
TEST POINT PC MINI .040"D RED
Keystone Electronics
5000
Q1
TRANS SS PNP 40V 300MW SOT23
Micro Commercial Co
MMBT3906-TP
Q2, Q3
TRANSISTOR NPN GP 40V SOT23
Micro Commercial Co
MMBT3904-TP
R1, R2, R3,
R23, R58
RES 4.7K OHM 1/10W 1% 0603 SMD
Stackpole Electronics Inc
RMCF0603FT4K70
Note
1:
Depending on the starter kit purchased, the development board will be populated with either a PIC32MZ2048EFM144
(with Crypto Engine) device or a PIC32MZ2048EFH144 device (without Crypto Engine).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com