Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 21 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RN131 Datasheet HTML 17Page - Microchip Technology RN131 Datasheet HTML 18Page - Microchip Technology RN131 Datasheet HTML 19Page - Microchip Technology RN131 Datasheet HTML 20Page - Microchip Technology RN131 Datasheet HTML 21Page - Microchip Technology RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
RN131/RN171/RN1723
EVALUATION KITS
USER’S GUIDE
 2013-2015 Microchip Technology Inc.
DS50002183B-page 21
Chapter 2. Getting Started
This chapter describes using an RN evaluation kit as an independent platform for
exploring the ASCII command set and prototyping of embedded systems. Certain
hardware and software/utilities are essential to support the development of
demonstration applications.
This chapter includes the following topics:
• Prerequisites
• Hardware Configuration
• Module Configuration
2.1
PREREQUISITES
2.1.1
Software
The following software tools/utilities are required to run the demonstration applications:
• A Terminal Emulator application such as TeraTerm (for Windows 7 or later) or
CoolTerm (for Mac OS X or later)
• The RN evaluation boards use the FTDI Chipset. Windows automatically installs the
drivers for the USB serial cable. However, if the drivers are not automatically
installed, download and install the FTDI Chipset drivers from the Microchip web site as
described in 2.2 “Hardware Configuration”. Once the FTDI Chipset drivers are
installed, the COM port is automatically assigned based on the active connection
2.1.2
Hardware
To set up and run the demonstration applications, the following hardware is required:
• PC or laptop running one of these operating systems:
- Windows 7 or later
- Mac OS X or later
• RN evaluation board
• USB cable
Note:
A Terminal Emulator application is used to send the configuration
commands to the RN module over a UART interface. The emulator also
displays information transmitted from the RN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com