Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 28 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 28 Page - Microchip Technology

Back Button RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology RN131 Datasheet HTML 28Page - Microchip Technology RN131 Datasheet HTML 29Page - Microchip Technology RN131 Datasheet HTML 30Page - Microchip Technology RN131 Datasheet HTML 31Page - Microchip Technology RN131 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 28
 2013-2015 Microchip Technology Inc.
3.2.1.2
FACTORY RESET
In Factory Reset mode, an RN module is restored to the factory default condition.
As shown in Figure 1-1, Figure 1-2, and Figure 1-3 in 1.5 “RN Evaluation Board
Components”, the FN push button is used in conjunction with the RESET/RST
push button to perform a factory reset.
3.2.1.3
WPS
The Wi-Fi Protected Setup (WPS) mode allows the RN module to be associated to the
appropriate access point. WPS mode is entered by pressing and releasing the FN push
button while the launch_string configuration parameter is set to wps_app. By default,
the launch_string is set to web_app.
Refer to the “WiFly Command Reference, Advanced Features and Applications User’s
Guide” (DS50002230) for information. This document is available from the Microchip
web site at: http://www.microchip.com/wifi.
3.2.2
RESET/RST Push Button
When the RESET/RST push button is pressed, the RN module will briefly power down
and restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com