Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 20 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 20 Page - Microchip Technology

Back Button RN131 Datasheet HTML 16Page - Microchip Technology RN131 Datasheet HTML 17Page - Microchip Technology RN131 Datasheet HTML 18Page - Microchip Technology RN131 Datasheet HTML 19Page - Microchip Technology RN131 Datasheet HTML 20Page - Microchip Technology RN131 Datasheet HTML 21Page - Microchip Technology RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 20
 2013-2015 Microchip Technology Inc.
TABLE 1-6:
RN1723 AND RN171 SENSOR INTERFACE (J5) PIN TABLE
Table 1-7 lists the LED indicators common to all RN evaluation boards.
TABLE 1-7:
RN1723 AND RN171 EVALUATION BOARD LED INDICATORS
Diagram
Pin
Description
1Sensor Power
2
Sensor 4 (3.3V tolerant)
3
Sensor 5 (3.3V tolerant)
4
Sensor 7 (1.2V only)
5
Sensor 5 (1.2V only)
6
Sensor 4 (1.2V only)
7
Sensor 6 (1.2V only)
8
Sensor 3 (1.2V only)
9
Ground
WARNING
Voltage on pins marked 1.2V only should not exceed more than 1.2V DC. Failure to
heed this warning will result in permanent damage to the RN evaluation board.
Condition Blue LED
Red LED
Yellow LED
Green LED
On
Unused
—
—
Connected over TCP
Fast Blink
Unused
Not Associated
RX/TX Data Transfer No IP address
Slow Blink
Unused
Associated, no Internet
—
IP address OK
Off
Unused
Associated, Internet OK
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com