Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN131 Datasheet HTML 9Page - Microchip Technology RN131 Datasheet HTML 10Page - Microchip Technology RN131 Datasheet HTML 11Page - Microchip Technology RN131 Datasheet HTML 12Page - Microchip Technology RN131 Datasheet HTML 13Page - Microchip Technology RN131 Datasheet HTML 14Page - Microchip Technology RN131 Datasheet HTML 15Page - Microchip Technology RN131 Datasheet HTML 16Page - Microchip Technology RN131 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
RN131/RN171/RN1723
EVALUATION KITS
USER’S GUIDE
 2013-2015 Microchip Technology Inc.
DS50002183B-page 13
Chapter 1. Overview
This chapter describes the RN evaluation boards that are used for demonstrating the
capabilities of the RN131, RN171, and RN1723 modules. These RN evaluation boards
have the flexibility to connect directly to a PC or laptop through a standard USB
interface or to embedded controllers through the serial UART interface.
Refer to “Recommended Reading” for data sheet references and other resources.
Additional information is available from the Embedded Wi-Fi page on the Microchip
web site at: http://www.microchip.com/wifi.
This chapter includes the following topics:
• RN Evaluation Kit Contents and Part Numbers
• Example Code and Related Information
• RN Evaluation Kit Hardware
• RN Evaluation Board Features
• RN Evaluation Board Components
1.1
RN EVALUATION KIT CONTENTS AND PART NUMBERS
Depending on the RN evaluation kit ordered, the package contents contain one of the
following RN evaluation boards and a USB cable:
• RN131 Evaluation Kit (P/N: RN-131-EK)
• RN171 Evaluation Kit (P/N: RN-171-EK)
• RN1723 Evaluation Kit (P/N: RN-1723-EK)
1.2
EXAMPLE CODE AND RELATED INFORMATION
Example code and other related information for each RN evaluation kit can be obtained
from the Microchip web site at: http://www.microchip.com/wifi.
Note:
It is important to note that the RN131, RN171, and RN1723 Evaluation
Boards share approximately 95% of their features. Therefore, most of the
features described in this document will be common across all three plat-
forms. Throughout this document, whenever a feature or description is
common across all evaluation kits, that feature will be described collectively
as “RN evaluation kit(s)”, “RN evaluation board(s)”, or “RN module(s)”,
rather than repeating RN131/RN171/RN1723 when referring to either an
evaluation kit, evaluation board, or module.
Note:
RN module firmware can be upgraded to the latest version through an FTP
update. For additional information on FTP updates and commands, refer to
the “WiFly Command Reference, Advanced Features and Applications
User’s Guide” (DS50002230), which is available from the Microchip web
site at: http://www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com