Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 24 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 24 Page - Microchip Technology

Back Button RN131 Datasheet HTML 20Page - Microchip Technology RN131 Datasheet HTML 21Page - Microchip Technology RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology RN131 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 24
 2013-2015 Microchip Technology Inc.
2.3.3
Configuration Using a USB Cable
Evaluation boards use a USB cable to allow the host computer to communicate with the
on-board RN module.
The following instructions describe how to use a terminal emulator to enter Configuration
mode, send commands to find networks, associate with an access point, and save the
configuration.
2.3.3.1
CONFIGURE THE MODULE USING A TERMINAL EMULATOR
Either the TeraTerm (for Windows 7 or later) or CoolTerm (for Mac OS X or later)
terminal emulator applications can be used. Also, legacy evaluation boards use a
USB-to-serial cable for connecting the evaluation board to the PC/laptop. When using
any of the evaluation boards, use the COM port to which the USB-to-serial cable is
connected.
Use the following steps to communicate with an RN module using a terminal emulator:
1.
Determine the COM port that is assigned to the USB cable (the port is COM9 in
the example shown in Figure 2-2).
2.
Open the available terminal emulation application and specify the COM port.
3.
When using TeraTerm, open the Serial option and select the COM port number
from the drop-down menu.
4.
The serial port with the required settings are as follows:
• Baud: 9600
• Data bits: 8
• Parity: None
• Stop bits: 1
• Flow control: None
5.
Type the commands through the terminal emulator application and to the
assigned program.
Note:
The COM port number can be found as follows:
• For Windows: Go to the Windows Device Manager from System Tools. In the
Device Manager, browse and expand the selection for serial ports (COM &
LPT). Use TeraTerm for other configuration settings and monitoring.
• For Mac: When using CoolTerm, view and select the port from the same
terminal emulator application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com