Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 33 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 33 Page - Microchip Technology

Back Button RN131 Datasheet HTML 29Page - Microchip Technology RN131 Datasheet HTML 30Page - Microchip Technology RN131 Datasheet HTML 31Page - Microchip Technology RN131 Datasheet HTML 32Page - Microchip Technology RN131 Datasheet HTML 33Page - Microchip Technology RN131 Datasheet HTML 34Page - Microchip Technology RN131 Datasheet HTML 35Page - Microchip Technology RN131 Datasheet HTML 36Page - Microchip Technology RN131 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Schematics, Bill of Materials, and Dimensions
 2013-2015 Microchip Technology Inc.
DS50002183B-page 33
A.2
RN171 EVALUATION BOARD AND RN1723 EVALUATION BOARD
FIGURE A-9:
RN171 MODULE AND RN1723 MODULE SCHEMATIC
SENSOR_0
SENSOR_1
SENSOR_2
SENSOR_3
SENSOR_6
SENSOR_7
SENSOR_4
SENSOR_5
SENSOR_POWER
RESET_N
FORCE_AWAKE
GPIO_8
GPIO_9
GPIO_5
GPIO_6
GPIO_7
GPIO_4
CTS
RTS
TXD
RXD
VDD_3V3
VDD_3V3
VDD_3V3
i
Power Net
BATTERY
A1
i
Power Net
i
Power Net
i
Power Net
10uF
C3
10uF
C2
100nF
C1
1
2
J7
Battery
29
SENSOR_0
29
30
SENSOR_1
30
31
SENSOR_2
31
32
SENSOR_3
32
33
SENSOR_POWER
33
34
VDD_3V3_RF
34
35
SENSOR_4
35
36
SENSOR_5
36
GPIO_7
6
6
GPIO_6
7
7
GPIO_5
8
8
GPIO_4
9
9
VDD_3V3
10
10
GPIO_3
11
11
GPIO_2
12
12
GPIO_1
13
13
GND
1
1
ISP_TX
2
2
ISP_RX
3
3
GPIO_9
4
4
GPIO_8
5
5
GND
14
14
FLASH_CS
15
15
SPI_MISO
16
16
SPI_SCK
17
17
SPI_MOSI
18
18
VDD_3V3_SW
19
19
GND
20
20
28
GND
28
37
SENSOR_6
37
38
SENSOR_7
38
39
GND
39
40
RESET
40
41
FORCE_AWAKE
41
42
GPIO_14
42
43
GPIO_13 (UART_RTS)
43
44
GPIO_12 (UART_CTS)
44
45
GPIO_11 (UART_RX)
45
46
GPIO_10 (UART_TX)
46
47
GND
47
M1
RN171
DMN2050L
Q1
DMN2050L
Q2
VBUS
1uH
L1
i
Power Net
iPower Net
PMEG2005CT,215
D5
PMEG2005CT,215
D6
10uF
C11
i
Power Net
Vin
1
Vout
3
TC1262-3.3VDBTR
U1
ISP_TX
ISP_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com