Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 37 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 37 Page - Microchip Technology

Back Button RN131 Datasheet HTML 32Page - Microchip Technology RN131 Datasheet HTML 33Page - Microchip Technology RN131 Datasheet HTML 34Page - Microchip Technology RN131 Datasheet HTML 35Page - Microchip Technology RN131 Datasheet HTML 36Page - Microchip Technology RN131 Datasheet HTML 37Page - Microchip Technology RN131 Datasheet HTML 38Page - Microchip Technology RN131 Datasheet HTML 39Page - Microchip Technology RN131 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Schematics, Bill of Materials, and Dimensions
 2013-2015 Microchip Technology Inc.
DS50002183B-page 37
A.3
BILL OF MATERIALS
TABLE A-1:
RN131 EVALUATION BOARD BILL OF MATERIALS (BOM)
Reference
Value
Description
Vendor
Vendor P/N
C1, C2, C3
100 nF
Cap ceramic, -20%, 80%, 16V,
Y5V, 0402
Yageo
CC0402ZRY5V7BB104
C4
100 nF
Cap ceramic, -20% / 80%, 16V,
Y5V, 0603
Yageo
CC0603ZRY5V7BB104
D1
Red
Clear, Red LED, 10 mA, 1.8V, 638
nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150CKT
D2
Yellow
Clear, Yellow LED, 10 mA, 2.1V,
588 nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150YKT
D3
Green
Clear, Green LED, 10 mA, 2.1V,
569 nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150GKT
D4
Blue
Clear, Blue LED, 20 mA, 3.3V, 470
nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150TBKT
J2
USB mini-B CONN USB RCPT MINI B 5PS R/A
SMD
JAE
DX2R005HN2E700
M1
—
RN131 Module
Microchip Technology Inc. RN-131
R1, R2,
R3, R4
3k3
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ332X
R5, R8,
R10, R11,
R15
220k
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ224X
R6, R7,
R9, R12,
R14, R16,
R18, R19,
R20, R22
100k
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ104X
R13, R17,
R21, R23
220R
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ221X
S1, S2
Push button SWITCH TACTILE SPST-NO
0.05A 32V
C&K Components
KSR211J
U1
FT232RQ
IC USB FS SERIAL UART 32-QFN FTDI
FT232RQ-REEL
U2
TC1262-3.3V Linear Voltage Regulator
Microchip Technology Inc. TC1262-3.3VDBTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com