Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 38 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 38 Page - Microchip Technology

Back Button RN131 Datasheet HTML 32Page - Microchip Technology RN131 Datasheet HTML 33Page - Microchip Technology RN131 Datasheet HTML 34Page - Microchip Technology RN131 Datasheet HTML 35Page - Microchip Technology RN131 Datasheet HTML 36Page - Microchip Technology RN131 Datasheet HTML 37Page - Microchip Technology RN131 Datasheet HTML 38Page - Microchip Technology RN131 Datasheet HTML 39Page - Microchip Technology RN131 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 38
 2013-2015 Microchip Technology Inc.
TABLE A-2:
RN171 EVALUATION BOARD AND RN1723 EVALUATION BOARD BILL OF
MATERIALS (BOM)
Reference
Value
Description
Vendor
Vendor P/N
C1
100 nF
Cap ceramic, -20% / 80%, 16V,
Y5V, 0603
Yageo
CC0603ZRY5V7BB104
C2, C3, C11
10 µF
Cap ceramic, 20%, 6.3V, X5R,
0603
TDK Corporation
C1608X5R0J106M
C4, C5, C6
100 nF
Cap ceramic, -20%, 80%, 16V,
Y5V, 0402
Yageo
CC0402ZRY5V7BB104
D1
Red
Clear, Red LED, 10 mA, 1.8V, 638
nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150CKT
D2
Yellow
Clear, Yellow LED, 10 mA, 2.1V,
588 nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150YKT
D3
Green
Clear, Green LED, 10 mA, 2.1V,
569 nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150GKT
D4
Blue
Clear, Blue LED, 20 mA, 3.3V, 470
nm, 130 degrees, 1206
Lite-On Inc.
LTST-C150TBKT
D5, D6
PMEG2005C
T,215
Dual Schottky diode, 1A, 20V,
SOD-123F
NXP Semiconductor
PMEG2005CT,215
J6
USB mini-B CONN USB RCPT MINI B 5PS R/A
SMD
JAE
DX2R005HN2E700
L1
1uH
INDUCTOR 1.0UH 30% SMD
Taiyo Yuden
NR3015T1R0N
M1
—
RN171 Module
Microchip Technology Inc. RN-171
Q1, Q2
DMN2050L N MOSFET 5.9A, 20V, 29 mOhm,
SOT23-3
Dioded Inc.
DMN2050L-7
R1, R2, R8,
R17, R18
220k
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ224X
R4, R6, R7,
R9, R10,
R12, R13,
R14, R16,
R19
100k
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ104X
R5, R11,
R15, R20
220R
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ221X
R21, R22,
R23, R24
3k3
Res, 5%, 0.1W, 0402
Panasonic - ECG
ERJ-2GEJ332X
S1, S2
Push button SWITCH TACTILE SPST-NO
0.05A 32V
C&K Components
KSR211J
U1
TC1262-3.3V Linear Voltage Regulator
Microchip Technology Inc. TC1262-3.3VDBTR
U2
FT232RQ
IC USB FS SERIAL UART 32-QFN FTDI
FT232RQ-REEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com