Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 34 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 34 Page - Microchip Technology

Back Button RN131 Datasheet HTML 30Page - Microchip Technology RN131 Datasheet HTML 31Page - Microchip Technology RN131 Datasheet HTML 32Page - Microchip Technology RN131 Datasheet HTML 33Page - Microchip Technology RN131 Datasheet HTML 34Page - Microchip Technology RN131 Datasheet HTML 35Page - Microchip Technology RN131 Datasheet HTML 36Page - Microchip Technology RN131 Datasheet HTML 37Page - Microchip Technology RN131 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 34
 2013-2015 Microchip Technology Inc.
FIGURE A-10:
RN1723 AND RN171 FTDI CHIPSET INTERFACE
FIGURE A-11:
RN1723 AND RN171 SENSOR INTERFACE
VBUS
D_N
D_P
TXD
RXD
RTS
CTS
VBUS
RESET
18
USBDP
14
USBDM
15
CBUS2
10
CBUS1
21
CBUS3
11
CBUS4
9
CBUS0
22
RI
3
DCD
7
DSR
6
DTR
31
CTS
8
RTS
32
RXD
2
TXD
30
OSCI
27
OSCO
28
FT232RQ
U2
100nF
C5
100nF
C4
100nF
C6
GND
5
D+
3
D-
2
VBUS
1
MTAB
6
USB Mini B
J6
i
Power Net
i Power Net
3k3
R23
3k3
R21
3k3
R24
3k3
R22
SENSOR_POWER
SENSOR_4
SENSOR_5
SENSOR_7
SENSOR_6
SENSOR_5
SENSOR_4
SENSOR4_PIN
SENSOR5_PIN
SENSOR_0
SENSOR_1
SENSOR_3
SENSOR_2
GPIO_9
RXD
CTS
100k
R7
100k
R4
100k
R12
100k
R9
100k
R6
220k
R2
220k
R1
220k
R18
220k
R17
220k
R8
1
2
3
4
5
6
7
8
9
J5
Sensor Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com