Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 27 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 27 Page - Microchip Technology

Back Button RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology RN131 Datasheet HTML 28Page - Microchip Technology RN131 Datasheet HTML 29Page - Microchip Technology RN131 Datasheet HTML 30Page - Microchip Technology RN131 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
RN131/RN171/RN1723
EVALUATION KITS
USER’S GUIDE
 2013-2015 Microchip Technology Inc.
DS50002183B-page 27
Chapter 3. Application Design Concerns
This section provides the design concerns related to powering an evaluation board,
sensor interface settings, AP mode, and restoring factory settings.
The following topics are discussed:
• Sensor Interfaces
• Push Button Functions
3.1
SENSOR INTERFACES
The input voltage on the sensor inputs must not exceed 1.2V; otherwise, hardware
damage could occur. The Analog-to-Digital Converter (ADC) saturates at 400 mV. It is
recommended to use the sensor power output to drive any analog devices that are
attached to the sensor pins.
3.2
PUSH BUTTON FUNCTIONS
3.2.1
FN Push Button
The FN push button can be used to place the RN module into one of three modes: AP,
Factory reset, and WPS.
3.2.1.1
AP MODE
AP mode allows all Wi-Fi-enabled devices to be associated with the RN module.
To put the RN module into AP mode, FN must be high when the RN module powers up
or wakes from a sleep state. This is done by pressing the FN push button, and then
pressing and releasing the RESET/RST push button, which resets the RN module and
places it into AP mode. Now that the RN module is in AP mode, a default Wi-Fi network
is created with the parameters listed in Table 3-1.
TABLE 3-1:
AP MODE DEFAULT SETTINGS
Once the RN module boots, other Wi-Fi-enabled devices will be able to locate the RN
module whenever scanning for access points.
Note:
Sensor pins 2 and 3 have a resistor network in front of sensors 4 and 5,
respectively. Therefore, these pins can be driven with up to 3.3V DC.
Note:
Using this method to place the RN module into AP mode will override any
previous AP mode software settings.
Setting
AP Mode Default
SSID
WiFly-xxx-yy
Where ‘xxx’ is GSX for RN131, EZX for RN171, and FZX for RN1723 and
‘yy’ is the LSB of the module’s MAC address.
Channel
1
DHCP Server Enabled
IP Address
192.168.1.1
Netmask
255.255.255.0
Gateway
192.168.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com