Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 16 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 16 Page - Microchip Technology

Back Button RN131 Datasheet HTML 12Page - Microchip Technology RN131 Datasheet HTML 13Page - Microchip Technology RN131 Datasheet HTML 14Page - Microchip Technology RN131 Datasheet HTML 15Page - Microchip Technology RN131 Datasheet HTML 16Page - Microchip Technology RN131 Datasheet HTML 17Page - Microchip Technology RN131 Datasheet HTML 18Page - Microchip Technology RN131 Datasheet HTML 19Page - Microchip Technology RN131 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 16
 2013-2015 Microchip Technology Inc.
1.5
RN EVALUATION BOARD COMPONENTS
1.5.1
RN131 Evaluation Board
Figure 1-1 shows the components of the RN131 Evaluation Board. Table 1-2 through
Table 1-4 provide pin information for the UART and Sensor interfaces, as well as LED
descriptions.
FIGURE 1-1:
RN131 EVALUATION BOARD COMPONENTS
TABLE 1-2:
RN131 UART INTERFACE (J3) PIN TABLE
Status LEDs
USB mini-B
Sensor Interface (J1)
Push Buttons
Connector
Diagram
Pin
Description
1
3.3V DC Output
2Ground
3
UART Receive (RX)
4
UART Transmit (TX)
5
UART Receive-to-Send (RTS)
6
UART Clear-to-Send (CTS)
7GPIO4
8GPIO5
9GPIO6
10
GPIO7
11
GPIO8
12
GPIO9 (internally connected to FN)
13
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com