Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 26 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 26 Page - Microchip Technology

Back Button RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology RN131 Datasheet HTML 28Page - Microchip Technology RN131 Datasheet HTML 29Page - Microchip Technology RN131 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 26
 2013-2015 Microchip Technology Inc.
2.3.3.2
ENTER COMMAND MODE
The following steps provide an example for entering Command mode through a
terminal emulator on the RN171 Evaluation Board. The output will differ depending on
which evaluation board is being accessed:
1.
Type three $$$ characters with no additional characters before or after each
$
character. The RN module replies with CMD on the terminal emulator to indicate
it is in Command mode.
2.
Type show net and press <Enter> to display the current network settings
(Figure 2-3 shows the current network settings of the WiFly application).
FIGURE 2-3:
CURRENT NETWORK SETTINGS
A command to the RN module is first sent with a keyword followed by an optional
parameter. For example:
set uart baudrate 115200
The RN modules supports a variety of command keywords. The complete command
reference is available in the “WiFly Command Reference, Advanced Features and
Applications User’s Guide Reference” (DS50002230), which is available from the
Microchip web site at: http://www.microchip.com.
Note:
When a command is completed, the terminal displays a prompt in the
format <x.xx>, where ‘x.xx’ indicates the RN module’s firmware version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com