Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 15 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN131 Datasheet HTML 11Page - Microchip Technology RN131 Datasheet HTML 12Page - Microchip Technology RN131 Datasheet HTML 13Page - Microchip Technology RN131 Datasheet HTML 14Page - Microchip Technology RN131 Datasheet HTML 15Page - Microchip Technology RN131 Datasheet HTML 16Page - Microchip Technology RN131 Datasheet HTML 17Page - Microchip Technology RN131 Datasheet HTML 18Page - Microchip Technology RN131 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Overview
 2013-2015 Microchip Technology Inc.
DS50002183B-page 15
1.4
RN EVALUATION BOARD FEATURES
1.4.1
RN131 Evaluation Board Features
The RN131 Evaluation Board has the following features:
• Supports the FCC/CE/IC certified 2.4 GHz IEEE 802.11 b/g RN131 module
•Wi-Fi® Alliance certified for WPA2-PSK and RoHS compliant
• Complete on-board TCP/IP networking stack through the RN module
• Supports infrastructure networking modes along with the SoftAP mode
• Built-in networking applications through the RN module, such as TCP/IP, DHCP,
DNS, ARP, UDP, Telnet, FTP client, and HTML client
• Configuration over Wi-Fi or UART using simple ASCII commands
• Supports 921 Kbps TX, 500 Kbps RX data rates with TCP/IP and WPA2 over UART
• Powered by a USB cable (5V)
• Push buttons for launching Applications and RESET signal
• Real-time clock for wake up and time stamping
• On-board ceramic chip antenna and a U.FL. connector
• Size – 50.8 mm x 28 mm x 5 mm
1.4.2
RN1723 Evaluation Board and RN171 Evaluation Board
Features
The RN1723 Evaluation Board and RN171 Evaluation Board have the following
features:
• Supports the FCC/CE/IC certified 2.4 GHz IEEE 802.11 b/g RN1723/RN171 module
• Wi-Fi Alliance certified for WPA2-PSK and RoHS compliant
• Complete on-board TCP/IP networking stack through the RN module
• Supports SoftAP and Infrastructure networking modes
• Built-in networking applications through the RN module, such as TCP/IP, DHCP,
DNS, ARP, UDP, Telnet, FTP client and HTML client
• Configuration over Wi-Fi or UART using simple ASCII commands
• Supports 921 Kbps TX, 500 Kbps RX data rates with TCP/IP and WPA2 over UART
• Powered by 3.3V battery pack (two AAA batteries) or through a USB cable (5V)
• Push buttons for launching Applications and RESET signal
• 10 general purpose digital I/O pins
• Eight analog sensor interfaces; configurable sensor power outputs 0-3.3V DC
• Real-time clock for wake-up and time stamping
• Trace antenna
• Size – 50.8 mm x 28 mm x 20 mm
Note:
The RN1723 Evaluation Board has the same functionality as the RN171
Evaluation Board; however, the major difference is that three additional
commands were added to the WiFly command set, as well as a GPIO
function change in the RN1723 module. Refer to the “WiFly Command
Reference, Advanced Features and Applications User’s Guide”
(DS50002230) for information. This document is available from the
Microchip web site at: http://www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com