Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN131 Datasheet(PDF) 23 Page - Microchip Technology

Part # RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN131 Datasheet HTML 19Page - Microchip Technology RN131 Datasheet HTML 20Page - Microchip Technology RN131 Datasheet HTML 21Page - Microchip Technology RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Getting Started
 2013-2015 Microchip Technology Inc.
DS50002183B-page 23
2.3
MODULE CONFIGURATION
The RN modules of the evaluation boards operate in two modes:
• Data mode (default)
• Command mode
2.3.1
Data Mode
In Data mode, an RN module is essentially a data pipe. When the RN module receives data
over Wi-Fi, it strips the TCP/IP headers and trailers, and passes the user data to the UART.
When data is written to the UART, the RN module constructs the TCP/IP packet and sends
it out over Wi-Fi. Therefore, the entire process of sending/receiving data to the host is
transparent to the microcontroller of the end-application/user.
2.3.2
Command Mode
By default, the RN module is in Data mode. Sending an escape sequence of three
$$$
characters causes the RN module to enter Command mode. Once in Command
mode, the RN module can be configured using simple ASCII commands. To exit
Command mode and return to Data mode, type exit and press <Enter>.
Basic configuration requires the wireless network access point’s name (SSID) and the
authentication password. The RN module can associate with only one network at a
time. It is recommended to begin evaluation by configuring the RN module using an
open access point to simplify the setup.
The following two methods are used to configure the RN module:
• Over the UART connected to a PC/laptop or to a microcontroller
• Through Wi-Fi using Soft AP mode
A terminal emulator is required to enter the commands and to monitor the transactions.
Figure 2-1 shows an application interface for Data and Command modes.
FIGURE 2-1:
APPLICATION INTERFACE FOR DATA AND COMMAND MODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com