Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 22 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 18Page - Microchip Technology UTC2000 Datasheet HTML 19Page - Microchip Technology UTC2000 Datasheet HTML 20Page - Microchip Technology UTC2000 Datasheet HTML 21Page - Microchip Technology UTC2000 Datasheet HTML 22Page - Microchip Technology UTC2000 Datasheet HTML 23Page - Microchip Technology UTC2000 Datasheet HTML 24Page - Microchip Technology UTC2000 Datasheet HTML 25Page - Microchip Technology UTC2000 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
FIGURE A-1:
UTC2000 EVALUATION KIT SCHEMATICS (CONTINUED)
1
1
2
2
3
3
4
4
5
5
6
6
D
D
C
C
B
B
A
A
Page Title:
Project Name:
UTC2000 + CC Control + 3.3V Reg
EVB-UTC2000-DFP
PN: PCB-7278AZ_E00
Description:
Date:
Size:
Sheet
of
Rev
B3
3
E00
7/28/2015
Designer: Andrew Rogers
UTC2000 DFP Evaluation/Demonstration Board
Microchip Technology, Inc.
USB/Network Group - UNG
www.Microchip.com
UTC2000
CC1
CC2
5V
DNP
J1
5V
Debug Header
ENABLE
ENABLE
VCONN1#
VCONN2#
CC2
CC1
Debug Header (Internal Use Only)
5V
5V
CC Pins
PPC_EN
OCS#
"OverCurrent"
Current Capability Marker Selector
Pos 1 - Legacy USB (900mA)
Pos 2 - 1.5A Capable
Pos 3 - 3.0A Capable
YELLOW
D6
"Plug Orientation"
5V
5V
3.3V
3.3V Supply
MCP1755T-3302E/OT
SHDN
3
VOUT
5
VIN
1
PWRGD
4
U1
5V
3.3V
CFG_SEL
PLUG_ORIENTATION#
"Fault"
1k
0402
1%
R11
1k
0402
R10
1k
0402
R9
100k
0402
R7
100k
0402
R8
0.1uF
16V
C3
0.1uF
16V
0402
C14
1
2
C1
C1
3
4
5
C2
C2
6
SW1
AYZ0203AGRLC
10k
0402
1%
DNP
R27
10k
0402
1%
DNP
R24
10k
0402
R14
1.0μF
C5
1.0μF
C4
22k
0402
1%
DNP
R23
22k
0402
1%
DNP
R18
56k
0402
1%
R17
56k
0402
1%
R15
CFG_SEL
56k
0402
1%
R21
CFG_SEL = 1.25V : 3.0A Mode
CFG_SEL = 0.75V : 1.5A Mode
Configuration Selection
10k
0402
1%
R28
1%
0402
30k
R25
5V
CFG_SEL = 0.00V : Legacy 500mA/900mA Mode
VMON
VMON
3
5
4
PMDXB600UNE
Q5B
PMDXB600UNE
6
2
1
Q5A
5V
1.5A_SEL
3A_SEL
1.5A_SEL
3A_SEL
100k
0402
1%
R29
100k
0402
1%
R19
6
2
1 Q6A
3
5
4 Q6B
5V
CC1
7
VDD
16
VSS
13
EPAD
17
CC2
6
VCONN1_OUT#/1.5A_IND#
9
VCONN2_OUT#/LEGACY_IND#
8
OCS#
1
AUDIO_ADPT/CONNECTED#
5
FAULT_IND
4
CFG_SEL
2
ENABLE
3
PLUG_ORIENTATION#
11
PPC_EN/3.0A_IND#
10
VMON
12
NC
15
NC
14
U2
UTC2000
PLUG_ORIENTATION#
PLUG_ORIENTATION# indicates the Type-C cable.
insertion orientation.
HIGH = not connected or connected or unflipped
i.e.: CC >> CC1
LOW = connected and flipped
i.e.: CC >> CC2
Br Red
D5
Br Red
D4
10k
0402
R30
3.3V
5V
100k
0402
1%
R26
6
2
1 Q4A
3
5
4 Q4B
100k
0402
1%
R20
6
2
1 Q3A
3
5
4 Q3B
100k
0402
1%
R16
CC2
CC1
VCONN1#
VCONN2#
4
5
3
Q2A
CMLDM8005
1
2
6
Q2B
CMLDM8005
4
5
3
Q1A
CMLDM8005
1
2
6
Q1B
CMLDM8005
PLUG_ORIENTATION#
R18/R23, R24/R27 are not populated by default because
In order to test higher current modes, ensure to do the following:
this EVB is designed to plug into any legacy USB port.
1. Remove R15 and R17
2. Populate R18/R23 for 1.5A mode, or R24/R27 for 3.0A
3. Set SW1 in the corresponding position
4. Remove R3 to isolate 5V from the host PC
5. Connect an external high currect bench supply to TP1/TP2
> 5.5V is recommended if testing 3A mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com