Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 17 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology UTC2000 Datasheet HTML 17Page - Microchip Technology UTC2000 Datasheet HTML 18Page - Microchip Technology UTC2000 Datasheet HTML 19Page - Microchip Technology UTC2000 Datasheet HTML 20Page - Microchip Technology UTC2000 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Hardware Configuration
 2015 Microchip Technology Inc.
DS50002399A-page 17
3.1.4
Connector Descriptions for EVB-UTC2000-DFP
Table 3-3 describes the connectors included on the EVB-UTC2000-DFP.
3.1.5
Test Points on EVB-UTC2000-DFP
Table 3-4 describes the test points included on the EVB-UTC2000-DFP. A header may
be permanently installed on the through-hole test points if needed.
3.1.6
LED Indicators for EVB-UTC2000-UFP
Table 3-5 describes the LED indicators included on the EVB-UTC2000-UFP.
TABLE 3-3:
CONNECTOR DESCRIPTIONS
REF. DES.
TYPE
LABEL
DESCRIPTION
J1
1x5 Header
-
5-pin debug header (internal MCHP use only)
J2
USB 3.1 Gen 1
Type-A Plug
-
Type-A male plug
J3
USB 3.1 Gen 1
Type-C
Receptacle
-
Type-C receptacle
FIGURE 3-6:
EVB-UTC2000-DFP CONNECTOR LOCATIONS
USB Type-A Plug
USB
Type-C
1x5 Debug Header
TABLE 3-4:
EVB-UTC2000-DFP TEST POINT DESCRIPTIONS
REF. DES.
TYPE
DESCRIPTION
TP1
Thru-Hole 5V probe point or external 5V supply point
TP2
Thru-Hole GND
TABLE 3-5:
EVB-UTC2000-UFP LED INDICATOR DESCRIPTIONS
REF.
DES.
LABEL
DESCRIPTION
D1
“VBUS IN”
Indicates that a valid VBUS (5.5V-4.0V) is being supplied to the
EVB-UTC2000-UFP from the USB Type-C TMconnection and that
5V is being passed to the USB Type-A receptacle.
D2
“3A”
Indicates when a 3.0 A capable DFP connection is detected.
D3
“1.5A”
Indicates when a 1.5 A capable DFP connection is detected.
D4
“Legacy”
Indicates when legacy 500 mA (USB 2.0) / 900 mA (USB 3.1 Gen 1)
capable DFP connection is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com