Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 26 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 26 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 22Page - Microchip Technology UTC2000 Datasheet HTML 23Page - Microchip Technology UTC2000 Datasheet HTML 24Page - Microchip Technology UTC2000 Datasheet HTML 25Page - Microchip Technology UTC2000 Datasheet HTML 26Page - Microchip Technology UTC2000 Datasheet HTML 27Page - Microchip Technology UTC2000 Datasheet HTML 28Page - Microchip Technology UTC2000 Datasheet HTML 29Page - Microchip Technology UTC2000 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
25
1
1
TP1
MISC, TEST POINT MULTI PURPOSE MINI RED
Keystone
5000
26
1
1
TP2
MISC, TEST POINT MULTI PURPOSE MINI BLACK
Keystone
5001
27
1
1
U1
IC REG LDO 3.3V 0.3A SOT23-5
Microchip Technology
MCP1755T-3302E/OT
28
1
1
U2
UTC2000 TYPEC CONTROLLER 16QFN
Microchip Technology
UTC2000/MG
29
1
1
U3
IC CURR-LIM SW SNGL PROG 12-TQFN
Maxim Integrated
MAX1563ETC+
30
1
1
U4
IC USB 3.1 Gen 1 & USB 2.0 SWITCH 32TQFN
Pericom
PI3USB3102ZLE
TABLE B-1:
EVK-UTC2000-DFP BILL OF MATERIALS (CONTINUED)
Item
Qty
Qty
Pop'd
Reference
Designator(s)
Description
Manufacturer
Manufacturer
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com