Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 27 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 22Page - Microchip Technology UTC2000 Datasheet HTML 23Page - Microchip Technology UTC2000 Datasheet HTML 24Page - Microchip Technology UTC2000 Datasheet HTML 25Page - Microchip Technology UTC2000 Datasheet HTML 26Page - Microchip Technology UTC2000 Datasheet HTML 27Page - Microchip Technology UTC2000 Datasheet HTML 28Page - Microchip Technology UTC2000 Datasheet HTML 29Page - Microchip Technology UTC2000 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TABLE B-2:
EVK-UTC2000-UFP BILL OF MATERIALS
Item
Qty
Qty
Pop'd
Reference
Designator(s)
Description
Manufacturer
Manufacturer
Part Number
1
8
8
C1, C2, C3, C4,
C6, C8, C9, C10
CAP CER 0.1uF 10V 10% X5R SMD 0402
KEMET
C0402C104K8PACTU
22
2
C5, C7
CAP CER 1uF 10V 10% X5R 0402
Murata Electronics North
America
GRM155R61A105KE15D
31
1
D1
LED, Bright Green, 0603
Lite-On
LTST-C191KGKT
4
3
3
D2, D3, D4
DIO LED BLUE 2.8V 20mA 15mcd Clear SMD 0603
Lite-On
LTST-C193TBKT-5A
51
1
D5
LED, Bright Red, 0603
Lite-On
LTST-C191KRKT
61
1
D6
DIO LED YELLOW 2V 25mA 162.5mcd Diffuse SMD
0603
OSRAM
LY Q976-P1S2-36
71
1
D7
DIO RECTARR BAV99 1.25V 200mA 70V SOT-23-3
Fairchild
BAV99
81
1
J1
CON HDR-2.54 Male 1x5 Gold 5.84MH TH VERT
Samtec
TSW-105-07-S-S
91
1
J2
CON USB 3.1 Gen 1 STD-A RCPT TH R/A
Wurth Electronics Inc
692121030100
10
1
1
J3
CON USB 3.1 Gen 1 Hybrid Type-C
ACON
11
1
1
J4
CON TP LOOP Tin SMD
Harwin Inc
S1751-46R
12
1
1
Q1
MOSFET P-CH 30V 12A 8DSO
Infineon Technologies
BSO080P03NS3E G
13
6
6
R1, R2, R3, R7,
R12, R13
RES TKF 1k 1% 1/10W SMD 0402
Panasonic
ERJ-2RKF1001X
14
1
1
R4
RES SMD 35.7K OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF3572X
15
3
3
R5, R10, R11
RES SMD 5.1K OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF5101X
16
2
2
R6, R18
RES TKF 10k 1% 1/10W SMD 0402
Panasonic
ERJ-2RKF1002X
17
1
1
R8
RES TKF 1k 1% 1/10W SMD 0603
Yageo
RC0603FR-071KL
18
1
1
R14
RES TKF 0R 1/3W SMD 1210
Vishay
CRCW12100000Z0EA
19
2
2
R15, R16
RES TKF 330R 1% 1/10W SMD 0603
ROHM
MCR03EZPFX3300
20
1
1
R17
RES TKF 100k 1% 1/10W SMD 0603
Panasonic
ERJ-3EKF1003V
21
1
1
U1
IC REG LDO 3.3V 0.3A SOT23-5
Microchip Technology
MCP1755T-3302E/OT
22
1
1
U2
UTC2000 TYPEC CONTROLLER 16QFN
Microchip Technology
EVK-UTC2000-UFP
23
1
1
U3
IC USB 3.1 Gen 1 & USB 2.0 SWITCH 32TQFN
Pericom
PI3USB3102ZLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com