Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 14 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology UTC2000 Datasheet HTML 17Page - Microchip Technology UTC2000 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
UTC2000
EVALUATION KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002399A-page 14
Chapter 3. Hardware Configuration
3.1
HARDWARE DESCRIPTION
3.1.1
Power Source
The EVB-UTC2000-DFP can be powered in one of two ways:
1. Host/Hub Port VBUS: The board can be powered by 5V VBUS sourced from
the connected host port. Do not operate with SW1 in the 1.5A or 3.0A modes and
attempt to draw 1.5A or 3.0A when connected in this way, as Legacy USB Type-A
host ports typically cannot support this amount of current draw.
2. External 5V Supply: An external 5V supply may be connected to TP1 to test
1.5A and 3.0A charging. Be sure to remove the R3 zero-ohm resistor to prevent
voltage back drive to the host/hub port, as shown in Figure 3-3.
FIGURE 3-1:
EVB-UTC2000-UFP (TOP-SIDE)
FIGURE 3-2:
EVB-UTC2000-DFP (TOP-SIDE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com