Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 12 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 12 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 8Page - Microchip Technology UTC2000 Datasheet HTML 9Page - Microchip Technology UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
UTC2000
EVALUATION KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002399A-page 12
Chapter 2. Getting Started
2.1
CONTENTS OF THE KIT
The UTC2000 Evaluation kit includes the basic equipment necessary for evaluation.
The items include in the kit are:
1. EVB-UTC2000-DFP Evaluation Board
2. EVB-UTC2000-UFP Evaluation Board
3. USB Type-C Cable
2.2
BRING-UP AND TESTING
2.2.1
Setup and Requirements
• EVB-UTC2000-DFP: Before use, slide SW1 to the legacy charging mode. To use,
simply insert the device into any USB Type-A USB 2.0 or USB 3.1 Gen 1 host
port. Any USB Type-C device may now be connected to the USB Type-C port.
The reversibility of the USB Type-C cable can be demonstrated by connecting it in
the opposite direction.
• EVB-UTC2000-UFP: To use, connect to any USB Type-C host or hub port. If
there is no native USB Type-C host available, the EVB-UTC2000-DFP board may
be used. Insert a USB 2.0 or USB 3.1 Gen 1 device into the Type-A receptacle(J2)
of the EVB-UTC2000-UFP. The device may then be used normally.
2.2.2
EVB-UTC2000-DFP Legacy Charging Operation
The EVB-UTC2000-DFP board is configured to Legacy 500mA (USB2.0)/900mA(USB3.1
Gen1) charging mode by default. Ensure that SW1 is in the "Lgcy" position. The switch
will select 56 kΩ CC1/CC2 Rp pull-up resistors and set the CFG_SEL voltage to the
appropriate level.
When connecting the EVB-UTC2000-DFP board to the EVB-UTC2000-UFP while in
Legacy charging mode, the “Legacy” charging capability LED indicator (D4) on the
EVB-UTC2000-UFP will be illuminated.
2.2.3
1.5 A Charging Operation
The EVB-UTC2000-DFP is designed to plug in and operate from any legacy USB
Type-A port. In order to protect your computer from possible overcurrent issues, 1.5A
and 3.0A modes have been disabled by default.
In order to test 1.5A charging mode, please perform the following steps:
1. Remove R15 and R17 56k Rp pull-up resistors
2. Populate R18 and R23 with 22k, 0402 footprint resistors
3. Set SW1 to the "1.5A" position
4. Remove R3 to isolate the 5V domain on the EVB-UTC200-DFP from the 5V
domain on your host PC.
5. Connect an external power supply as shown in section 3.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com