Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 16 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology UTC2000 Datasheet HTML 17Page - Microchip Technology UTC2000 Datasheet HTML 18Page - Microchip Technology UTC2000 Datasheet HTML 19Page - Microchip Technology UTC2000 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
UTC2000 Evaluation Kit User’s Guide
DS50002399A-page 16
 2015 Microchip Technology Inc.
Figure 3-4 shows their location on the PCB.
3.1.3
Switches on EVB-UTC2000-DFP
Table 3-2 describes the switches included on the EVB-UTC2000-DFP.
Figure 3-5 shows their location on the PCB.
FIGURE 3-4:
EVB-UTC2000-DFP LED INDICATOR LOCATIONS
VBUS ON
VBUS IN
Fault
Indicator
Over-current
Indicator
Plug Orientation
Indicator
TABLE 3-2:
SWITCH DESCRIPTIONS
REF. DES.
LABEL
DESCRIPTION
SW1
“Lgcy -- 1.5A --
3A”
Selects between the DFP modes of operation: “Lgcy”, “1.5A”,
“3.0A”
Note:
The EVB-UTC2000-DFP is configured for Legacy mode of operation by
default. See sections 2.2.2/2.2.3 for information on testing 1.5A/3.0A
modes.
FIGURE 3-5:
EVB-UTC2000-DFP SWITCH LOCATIONS
SW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com