Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 10 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 10 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 6Page - Microchip Technology UTC2000 Datasheet HTML 7Page - Microchip Technology UTC2000 Datasheet HTML 8Page - Microchip Technology UTC2000 Datasheet HTML 9Page - Microchip Technology UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
UTC2000 Evaluation Kit User’s Guide
DS50002399A-page 10
 2015 Microchip Technology Inc.
• DP3T switch on DFP board for legacy, 1.5A, 3.0A charging mode selection
• Reversible USB Type-C receptacle
• USB 3.1 passive Type-C Cable
1.3
GENERAL DESCRIPTION
FIGURE 1-2:
EVB-UTC2000-DFP BLOCK DIAGRAM
UTC2000
(DFP Mode)
5V@4A
Port Power
Controller
VBUS
USB 3.1
Gen 1
Switch
PLUG_ORIENTATION#
USB
PPC_EN
USB
USB
CC1
CC2
VCONN2_OUT#
VCONN1_OUT#
5V
5V
Rp
Rp
OCS#
USB 3.1 Gen 1
Type-A Plug
ENABLE
5V
5V
VMON
5V
3.3V
5V to 3.3V
Regulator
3.3V
VDD
5V
VDD
5V
VDD
VBUS
5V
0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com