Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 11 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 11 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 7Page - Microchip Technology UTC2000 Datasheet HTML 8Page - Microchip Technology UTC2000 Datasheet HTML 9Page - Microchip Technology UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Overview
 2015 Microchip Technology Inc.
DS50002399A-page 11
1.4
REFERENCES
• USB Type-CTM Specification
• UTC2000 Data Sheet
• Introduction to USB Type-CTM Application Note
(http://ww1.microchip.com/downloads/en/AppNotes/00001953A.pdf)
• Basic USB Type-CTM Upstream Facing Port Implementation
(http://ww1.microchip.com/downloads/jp/AppNotes/jp574170.pdf)
1.5
DEFINITION
• DFP - Downstream Facing Port
• EVB - Evaluation Board
• EVK - Evaluation Kit
• UFP - Upstream Facing Port
FIGURE 1-3:
EVB-UTC2000-UFP BLOCK DIAGRAM
UTC2000
(UFP Mode)
USB 3.1
Gen 1
Switch
USB
USB
CC1
CC2
Rp
Rp
USB
CONNECTED#
VBUS
VBUS
LEGACY_IND#
1.5A_IND#
3.0A_IND#
VMON
PLUG_ORIENTATION#
Type-A
Receptacle
5V
3.3V
5V to 3.3V
Regulator
5V
VDD
3.3V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com