Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 25 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 21Page - Microchip Technology UTC2000 Datasheet HTML 22Page - Microchip Technology UTC2000 Datasheet HTML 23Page - Microchip Technology UTC2000 Datasheet HTML 24Page - Microchip Technology UTC2000 Datasheet HTML 25Page - Microchip Technology UTC2000 Datasheet HTML 26Page - Microchip Technology UTC2000 Datasheet HTML 27Page - Microchip Technology UTC2000 Datasheet HTML 28Page - Microchip Technology UTC2000 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TABLE B-1:
EVK-UTC2000-DFP BILL OF MATERIALS
Item
Qty
Qty
Pop'd
Reference
Designator(s)
Description
Manufacturer
Manufacturer
Part Number
1
1
1
C1
CAP CER, 47uF, 16V, 20%, X5R, 1206
TDK Corporation
C3216X5R1C476M160AB
2
8
8
C2, C3, C6, C8,
C9, C10, C12,
C14
CAP CER, 0.1uF, 16V, 80%, SMD, 0402
Yageo
CC0402ZRY5V7BB104
3
3
3
C4, C5, C13
CAP CER, 1uF, 16V, 10%, X5R, 0402
TDK Corporation
C1005X5R1C105K050BC
4
1
1
C7
CAP CER, 10uF, 6.3V, 20%, X5R SMD, 0603
AVX
06036D106MAT2A
5
1
1
C11
CAP CER, 4.7uF, 10V, 10%, X5R SMD, 0603
Taiyo Yuden
LMK107BJ475KA-T
6
1
1
D1
DIO RECTARR, BAV99, 1.25V, 200mA, 70V, SOT-23-3
Fairchild
BAV99
7
2
2
D2, D3
LED, Bright Green, 0603
Lite-On
LTST-C191KGKT
8
2
2
D4, D5
LED, Bright Red, 0603
Lite-On
LTST-C191KRKT
9
1
1
D6
DIO LED YELLOW 2V 25mA 162.5mcd Diffuse SMD 0603
OSRAM
LY Q976-P1S2-36
10
1
1
J1
CON HDR-2.54 Male 1x5 Gold 5.84MH TH VERT
Samtec
TSW-105-07-S-S
11
1
1
J2
CON USB 3.1 Gen 1 STD-A PLUG SMD R/A
Wurth Electronics Inc
692112030100
12
1
1
J3
CON USB 3.1 Gen 1 Hybrid Type-C
ACON
13
2
2
Q1, Q2
MOSFET SMD- Small Signal P-Channel Mosfet
Central Semiconductor
CMLDM8005 TR
14
4
4
Q3, Q4, Q5, Q6
MOSFET TRENCH 2N-CH 20V 600MA SOT-1216
NXP Semiconductors
PMDXB600UNE
15
1
1
R1
RES SMD 35.7K OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF3572X
16
5
5
R2, R4, R9,
R10, R11
RES TKF 1k 1% 1/10W SMD 0402
Panasonic
ERJ-2RKF1001X
17
1
1
R3
RES TKF 0R 1/8W SMD 0805
Panasonic
ERJ-6GEY0R00V
18
2
2
R5, R6
RES SMD 5.1K OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF5101X
19
8
8
R7, R8, R16,
R19, R20, R22,
R26, R29
RES TKF 100k 1% 1/10W SMD 0402
Panasonic
ERJ-2RKF1003X
20
2
2
R12, R13
RES TKF 330R 1% 1/10W SMD 0603
ROHM
MCR03EZPFX3300
21
3
3
R14, R28, R30
RES TKF 10k 1% 1/10W SMD 0402
Panasonic
ERJ-2RKF1002X
22
3
3
R15, R17, R21
RES TKF 56k 1% 1/16W SMD 0402
ROHM
MCR01MZPF5602
23
1
1
R25
RES SMD 30K OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF3002X
24
1
1
SW1
SW SLIDE DP3T 12VDC 100MA SMT
C&K Components
AYZ0203AGRLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com