Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 23 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 19Page - Microchip Technology UTC2000 Datasheet HTML 20Page - Microchip Technology UTC2000 Datasheet HTML 21Page - Microchip Technology UTC2000 Datasheet HTML 22Page - Microchip Technology UTC2000 Datasheet HTML 23Page - Microchip Technology UTC2000 Datasheet HTML 24Page - Microchip Technology UTC2000 Datasheet HTML 25Page - Microchip Technology UTC2000 Datasheet HTML 26Page - Microchip Technology UTC2000 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
FIGURE A-1:
UTC2000 EVALUATION KIT SCHEMATICS (CONTINUED)
1
1
2
2
3
3
4
4
5
5
6
6
Page Title:
Project Name:
Schematics
EVB-UTC2000-UFP
PN: PCB-7279AZ_B00
Description:
Date:
Size:
Sheet
of
Rev
B2
2
B00
7/30/2015
Designer: Andrew Rogers
UTC2000 UFP Evaluation/Demonstration Board
Microchip Technology, Inc.
USB/Network Group - UNG
www.Microchip.com
SS Mux
C Connector
RXM_A_N
RXM_A_P
TXM_A_N
TXM_A_P
RXM_B_N
RXM_B_P
TXM_B_P
RXM_A_N
RXM_A_P
TXM_A_N
TXM_A_P
RXM_B_N
RXM_B_P
TXM_B_N
TXM_B_P
330R
R16
"VBUS In"
330R
R15
VBUS
1
SSRX-
5
D-
2
D+
3
VBUS
SSRX-
D-
D+
Shield
SSRX+
6
GND_D
7
SSTX-
8
SSTX+
9
GND
4
USB 3.0 A RCPT
J2
0R
DNP
R14
5V_OUT
A Receptacle
CC1
CC2
3.3V Reg
**Note: Route CC traces
50Ohm Single-Ended
0.1uF
10V
0402
C3
0.1uF
10V
0402
C4
0.1uF
10V
C9
1k
0402
R2
D_N
D_P
RXM_N
RXM_P
TXM_N
TXM_P
TXM_B_N
D_N
D_P
UTC2000
5V
ENABLE
PLUG_ORIENTATION#
LEGACY_IND#
1.5A_IND#
YELLOW
D6
"Plug Orientation"
3.3V
CFG_SEL
"Fault"
1k
0402
R13
1k
0402
R12
10k
0402
R6
CC1
7
VDD
16
VSS
13
EPAD
17
CC2
6
VCONN1_OUT#/1.5A_IND#
9
VCONN2_OUT#/LEGACY_IND#
8
OCS#
1
AUDIO_ADPT/CONNECTED#
5
FAULT_IND
4
CFG_SEL
2
ENABLE
3
PLUG_ORIENTATION#
11
PPC_EN/3.0A_IND#
10
VMON
12
NC
15
NC
14
U2
UTC2000
5V
BLUE
D4
"Legacy"
"1.5A"
"3.0A"
BLUE
D3
BLUE
D2
1k
0402
R7
1k
0402
R3
1k
0402
R1
LEGACY_IND#
1.5A_IND#
3.0A_IND#
5V
1uF
10V
0402
C5
1uF
10V
0402
C7
MCP1755T-3302E/OT
SHDN
3
VOUT
5
VIN
1
PWRGD
4
U1
3.3V
3.3V
5V
5V
3.0A_IND#
DNP
J1
5V
Debug Header
ENABLE
PLUG_ORIENTATION#
VMON
VMON
35.7K
0402
1%
R4
1
2
3
BAV99
D7
5V
5V
VMON
5V
CFG_SEL = VDD
Profile: UFP
BSO080P03NS3E G
Q1
CONNECTED#
CONNECTED#
100k
0603
R17
PLUG_ORIENTATION#
1%
5.1k
R5
1%
5.1k
R10
1%
5.1k
R11
PI3USB3102ZLE
D+
6
VDD
3
VDD
12
HS_SEL
32
OE
11
GNDFLAG
33
D-
7
TX-
2
VDD
16
VDD
9
D+B
15
RX+
4
SS_SEL
10
D-B
14
USB-IDA
17
D+A
19
GND
21
USB_ID
8
USB_IDB
13
D-A
18
VDD
20
TX-A
30
RX-
5
TX+A
31
GND
28
VDD
29
RX-A
26
RX+A
27
TX+B
25
TX-B
24
RX-B
22
RX+B
23
TX+
1
U3
PI3USB3102
PLUG_ORIENTATION# indicates the Type-C cable.
insertion orientation.
HIGH = not connected or connected or unflipped
i.e.: CC >> CC1
LOW = connected and flipped
i.e.: CC >> CC2
**Note: CC1/CC2 intentionally swapped
to facilitate cleaner USB3.0
signal routing
Br Grn
D1
Br Red
D5
0.1uF
10V
0402
C1
10k
0402
R18
3.3V
GND
A1
TX1+
A2
TX1-
A3
VBUS
A4
CC1
A5
D+
A6
D-
A7
RFU1
A8
VBUS
A9
RX2-
A10
RX2+
A11
GND
A12
GND
B1
TX2+
B2
TX2-
B3
VBUS
B4
CC2
B5
D+
B6
D-
B7
RFU2
B8
VBUS
B9
RX1-
B10
RX1+
B11
GND
B12
J3
TP LOOP Tin
J4
10k
R19
10k
R20
CC1
CC2
0.1uF
C11
0.1uF
C12
0.1uF
C10
0.1uF
C2
0.1uF
C6
0.1uF
C8
0R
0402
DNP
R9
1k
0603
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com