Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 9 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 9 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 5Page - Microchip Technology UTC2000 Datasheet HTML 6Page - Microchip Technology UTC2000 Datasheet HTML 7Page - Microchip Technology UTC2000 Datasheet HTML 8Page - Microchip Technology UTC2000 Datasheet HTML 9Page - Microchip Technology UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
UTC2000
EVALUATION KIT
USER’S GUIDE
 2015 Microchip Technology Inc.
DS50002399A-page 9
Chapter 1. Overview
1.1
UTC2000 EVALUATION KIT OVERVIEW AND FEATURES
The UTC2000 Evaluation Kit is intended to demonstrate the form factor and
reversibility of the USB Type-CTM cable operation as enabled by the UTC2000 basic
Type-C controller. The kit includes a downstream facing port board, an upstream facing
port board, and a USB Type-C cable, as shown in Figure 1-1. A basic USB Type-C con-
nection can be demonstrated with a standard USB 2.0 or USB 3.1 Gen 1 host port, the
UTC2000 EVK and any USB 2.0 or USB 3.1 Gen 1 device. See
Section 1.2 “Features” for more information.
1.2
FEATURES
• EVB-UTC2000-DFP converts any USB Type-A port to a USB Type-C port
• EVB-UTC2000-UFP converts any USB device to a USB Type-C device
• Compatible with USB 2.0 and USB 3.1 Gen 1 host ports and devices
• Supports basic USB Type-C 5V charging at:
- Legacy 500mA (USB 2.0)/900mA (USB 3.1 Gen 1)
-1.5A
-3.0A
• LED status indicators on the downstream facing port (DFP) board include:
- 5V board supply indicators
- “Overcurrent” and “Fault” indicators
- Plug orientation
• LED status indicators on the upstream facing port (UFP) board include:
- 5 V board supply indicator
- Legacy, 1.5A, 3.0A charging detecting indicators
FIGURE 1-1:
UTC2000 EVALUATION KIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com