Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 13 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 13 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 9Page - Microchip Technology UTC2000 Datasheet HTML 10Page - Microchip Technology UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology UTC2000 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Getting Started
 2015 Microchip Technology Inc.
DS50002399A-page 13
When connecting the EVB-UTC2000-DFP board to the EVB-UTC2000-UFP while in
1.5A charging mode, the “1.5A” charging capability LED (D3) indicator on the
EVB-UTC2000-UFP will be illuminated.
2.2.4
3.0 A Charging Operation
The EVB-UTC2000-DFP is designed to plug in and operate from any legacy USB
Type-A port. In order to protect your computer from possible overcurrent issues, 1.5A
and 3.0A modes have been disabled by default.
In order to test 1.5A charging mode, please perform the following steps:
1. Remove R15 and R17 56k Rp pull-up resistors
2. Populate R18 and R23 with 22k, 0402 footprint resistors
3. Set SW1 to the "1.5A" position
4. Remove R3 to isolate the 5V domain on the EVB-UTC200-DFP from the 5V
domain on your host PC.
5. Connect an external power supply as shown in section 3.1.1
When connecting the EVB-UTC2000-DFP board to the EVB-UTC2000-UFP while in
3.0A charging mode, the “3.0A” charging capability LED indicator (D2) on the
EVB-UTC2000-UFP will be illuminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com