Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC2000 Datasheet(PDF) 15 Page - Microchip Technology

Part # UTC2000
Description  UTC2000 Evaluation Kit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UTC2000 Datasheet(HTML) 15 Page - Microchip Technology

Back Button UTC2000 Datasheet HTML 11Page - Microchip Technology UTC2000 Datasheet HTML 12Page - Microchip Technology UTC2000 Datasheet HTML 13Page - Microchip Technology UTC2000 Datasheet HTML 14Page - Microchip Technology UTC2000 Datasheet HTML 15Page - Microchip Technology UTC2000 Datasheet HTML 16Page - Microchip Technology UTC2000 Datasheet HTML 17Page - Microchip Technology UTC2000 Datasheet HTML 18Page - Microchip Technology UTC2000 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Hardware Configuration
 2015 Microchip Technology Inc.
DS50002399A-page 15
The EVB-UTC2000-UFP is always powered from VBUS supplied by the downstream
facing port it is attached to.
3.1.2
LED Indicators for EVB-UTC2000-DFP
Table 3-1 describes the LED indicators included on the EVB-UTC2000-DFP.
FIGURE 3-3:
EVB-UTC2000-DFP EXTERNAL 5V SUPPLY
EVB-UTC2000-DFP
USB Type-A
Plug
TP2
GND
TP1
EXT5V
R3
USB Type-C
Receptacle
Host
Port
USB
Type-C
Device
Bench Voltage Supply
V+
V-
R3 Removed
TABLE 3-1:
LED INDICATOR DESCRIPTIONS
REF.
DES.
LABEL
DESCRIPTION
D2
“VBUS IN”
Indicates that 5V board power is present
D3
“VBUS ON”
Indicates 5V is being supplied to VBUS on the Type-C port
D4
“FAULT”
Indicates an overvoltage or overcurrent event has occurred. This
indicator will reset with a power cycle of the board.
D5
“OVRCUR”
Indicates an overcurrent event is occurring. This signal is driven by
the 5V port power controller.
D6
“PLUG ORIENT” Indicates the state of the PLUG_ORIENTATION# signal. When
illuminated, PLUG_ORIENTATION is being driven low by the
UTC2000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com