Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 25 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 21Page - Microchip Technology UPD1002 Datasheet HTML 22Page - Microchip Technology UPD1002 Datasheet HTML 23Page - Microchip Technology UPD1002 Datasheet HTML 24Page - Microchip Technology UPD1002 Datasheet HTML 25Page - Microchip Technology UPD1002 Datasheet HTML 26Page - Microchip Technology UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 25
UPD1002
By selecting specific bins on both the CFG_SEL0 and CFG_SEL1 pins, predefined configurations, unique to each pack-
age, may be selected. These assignments configure multiple parameters of the device, including the following:
• Pin Configuration
• Receptacle Type
• USB Power Delivery Role Selection
A list of the configuration assignments, along with the corresponding CFG_SEL0 and CFG_SEL1 bin settings, are
detailed in the following section:
• Section 3.3.1, "32-SQFN CFG_SELx Configuration Assignments," on page 25
For details on each configurable parameter, refer to the following sub-sections.
Note:
Only the bin combinations defined in the following tables are valid. All other bin combinations are reserved
and must not be used.
Note:
All configurations can run from either internal ROM or external SPI ROM, providing an easy design transition
path from the UPD1000 with external SPI to the UPD1002 with internal ROM.
3.3.1
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS
Table 3-3 details the various 32-SQFN CFG_SELx configuration assignments.
TABLE 3-3:
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS
1
DFP
Provider
32-P-A
STD-A None
Profile 1
5V
-
-
3
1
2
Profile 2
5V
12V -
3
2
3
Profile 3
5V
12V -
3
3
4
Profile 4
5V
12V 20V
3
4
5
Profile 5
5V
12V 20V
3
5
6
UFP
Consumer/Provider
32-CP_B
STD-B VSafe5V-NC
12V@1.5A
5V
12V -
3
6
7
12V@3A
5V
12V -
3
7
8
12V@5A
5V
12V -
3
8
9
20V@3A
5V
20V -
4
1
10
20V@5A
5V
20V -
4
2
11
Profile 4
5V
12V 20V
4
3
12
Profile 4, PP-200
5V
12V 20V
4
4
13
Profile 5
5V
12V 20V
4
5
14
Profile 5, PP-200
5V
12V 20V
4
6
15
Provider/Consumer
32-PC_A
STD-A
12V@1.5A
VSafe5V-L
N/A
N/A
N/A
1
1
16
12V@3A
VSafe5V-L
N/A
N/A
N/A
1
2
17
12V@3A
Profile 1
N/A
N/A
N/A
1
3
18
12V@3A
Profile 1, PP-200
N/A
N/A
N/A
1
4
19
12V@5A
Profile 1
N/A
N/A
N/A
1
5
20
12V@5A
Profile 1, PP-200
N/A
N/A
N/A
1
6
21
20V@3A
Profile 1
N/A
N/A
N/A
1
7
22
20V@3A
Profile 1, PP-200
N/A
N/A
N/A
1
8
23
20V@5A
Profile 1
N/A
N/A
N/A
2
1
24
20V@5A
Profile 1, PP-200
N/A
N/A
N/A
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com